Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

THS7002EVM Datasheet(PDF) 3 Page - Texas Instruments

Part # THS7002EVM
Description  70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7002EVM Datasheet(HTML) 3 Page - Texas Instruments

  THS7002EVM Datasheet HTML 1Page - Texas Instruments THS7002EVM Datasheet HTML 2Page - Texas Instruments THS7002EVM Datasheet HTML 3Page - Texas Instruments THS7002EVM Datasheet HTML 4Page - Texas Instruments THS7002EVM Datasheet HTML 5Page - Texas Instruments THS7002EVM Datasheet HTML 6Page - Texas Instruments THS7002EVM Datasheet HTML 7Page - Texas Instruments THS7002EVM Datasheet HTML 8Page - Texas Instruments THS7002EVM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
THS7001, THS7002
70-MHz PROGRAMMABLE-GAIN AMPLIFIERS
SLOS214B – OCTOBER 1998 – REVISED AUGUST 1999
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
block diagram
_
+
PREAMP VCC+
PREAMP A IN+
PREAMP A IN–
SHDN–A
Preamp
PREAMP
OUT A
PGA–A
IN–
G2A
G1A
G0A
PGA–A REF
PGA
VCC+
PGA–B
GND
PGA
VCC–
CLAMP+ (VH)
CLAMP– (VL)
PGA–A OUT
_
+
_
PREAMP VCC–
PREAMP B IN–
PREAMP B IN+
SHDN–B
Preamp
PREAMP
OUT B
PGA–B REF
PGA–B OUT
+
G2B
G1B
G0B
PGA–A
GND
_
+
PGA–B
IN–
Figure 2. THS7002 Dual Channel PGA
input preamp
To achieve the minimum input equivalent noise required for very small input signals, the input preamp is
configured as a classic voltage feedback amplifier with a minimum gain of 2 or –1. The output of the preamp
is accessible, allowing for adjustment of gain using external resistors and for external filtering between the
preamp and the PGA.
programmable gain amplifier (PGA)
The PGA is an inverting, programmable gain amplifier. The gain is digitally programmable using three control
bits (TTL-compatible terminals) that are encoded to provide eight distinct levels of gain/attenuation. Nominal
gain/attenuation is shown in Table 1.
Table 1. Nominal Gain/Attenuation
G2
G1
G0
PGA GAIN
(dB)
PGA GAIN
(V/V)
0
0
0
–22
0.08
0
0
1
–16
0.16
0
1
0
–10
0.32
0
1
1
–4
0.63
1
0
0
2
1.26
1
0
1
8
2.52
1
1
0
14
5.01
1
1
1
20
10.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com