Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU60 Datasheet(PDF) 1 Page - HITRON ELECTRONICS CORPORTION

Part # HSU60
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU60 Datasheet(HTML) 1 Page - HITRON ELECTRONICS CORPORTION

  HSU60 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
-45-
H HiTRON
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
MULTI-OUTPUT 45-100 WATTS SWITCHING MODE
POWER SUPPLIES HSU45, HSU60 & HSU100 SERIES
FEATURES:
DUAL INPUT RANGE USER SELECTABLE
19" COMPATIBLE EUROCARD FORMAT
MEET THE SAFETY STANDARDS
EMI MEET CISPR PUB. 22 & FCC CLASS B
CE MARKING COMPLIANCE
HSU45 3UX6HPX160MM VMEbus STANDARD
HSU60 3UX8HPX160MM VMEbus STANDARD
HSU100 3UX10HPX160MM VMEbus STANDARD
For the details of safety approval, please consult the factory.
SPECIFICATION
INPUT SPECIFICATION
Input Voltage: 115Vac/230Vac dual selectable.
Input Connector: DIN 41612 at rear.
Input Frequency: 47-63Hz.
Inrush Current: Typ. 25A @230Vac.
Input Current: HSU45 0.88A@115Vac/0.44A@230Vac.
Use T2.0A/250Vac fuse.
HSU60 1.2A@115Vac/0.7A@230Vac.
Use T2.5A/250Vac fuse.
HSU100 2.2A@115Vac/1.2A@230Vac.
Use T3.15A/250Vac fuse.
Dielectric Withstand: Meet IEC 60950-1.
EMI: Meet CISPR PUB. 22 & FCC Class B.
Power Fail Signal: Installed.
Remote (Logic) Inhibit: Available.
Hold-up Time: Typ. 20mS @115Vac/50mS @230Vac.
Earth leakage: Typ. 0.3mA @230Vac.
OUTPUT SPECIFICATION
Output Voltage: See Ratings Chart.
Output Current: See Ratings Chart.
Output Wattage: Typ. 45 Watts for HSU45.
Typ. 60 Watts for HSU60.
Typ. 100 Watts for HSU100.
Output Connector: DIN 41612 at rear.
Line Regulation: Typ. 0.4%.
Load Regulation: Main VO1 typ. ±1.0%.
Aux. VO2 typ. ±2-3.0% (PR).
±2.0% (Mag. Amp.)
Aux. VO3 typ. ±2-3.0% (PR).
Aux. VO4 typ. ±2-3.0% (PR).
Noise & Ripple: Typ. 1% peak to peak.
OVP: Built-in at main VO1 (latch).
Adjustability: Available at main output VO1 and
Aux. output VO2 (Mag. Amp.).
Remote Sense: Installed in main VO1.
Overload Protection (OLP): Fully protected against
output overload and short circuit.
Consult the factory for OLP setting.
GENERAL SPECIFICATION
Efficiency: Typ. 70-75%.
Switching Frequency: Typ. 100K Hz.
Circuit Topology: Forward circuit.
Transient Response: Typ. 3mS following a 25% load-change.
Safety Standard: IEC 60950-1/UL 60950-1 Class I.
Power Density: 1.4 Watts / Cubic Inch for HSU45 & HSU60.
1.9 Watts / Cubic Inch for HSU100.
Operating Temperature: 0 to +50°C at full load.
Derates linearly to +70°C at half load.
Storage Temperature: -20 to +85°C.
Temperature Coefficient: Typ. 0.04%/°C.
Cooling: Free air convection cooling.
Construction format: 6,8,10HP(TE) X 3U X 160mm
19” compatible Eurocard VMEbus standard.
Note: Due to requests in market and advances in technology, specifications subject to change without notification.


Similar Part No. - HSU60

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
HSU60-10 TOTAL-POWER-HSU60-10 Datasheet
321Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU60-10B1 TOTAL-POWER-HSU60-10B1 Datasheet
321Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU60-11 TOTAL-POWER-HSU60-11 Datasheet
321Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU60-12 TOTAL-POWER-HSU60-12 Datasheet
321Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
HSU60-13 TOTAL-POWER-HSU60-13 Datasheet
321Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC SINGLE & MULTIPLE OUTPUT 45-150 WATTS 19 COMPATIBLE EUROCARD SWITCHING POWER SUPPLIES HSU45,HSU60 AND HSU100 SERIES
More results

Similar Description - HSU60

ManufacturerPart #DatasheetDescription
logo
HITRON ELECTRONICS CORP...
HIU45 HITRON-HIU45 Datasheet
283Kb / 2P
UNIVERSAL AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45 WATTS SWITCHING MODE POWER SUPPLIES
HPU60 HITRON-HPU60 Datasheet
250Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 60 WATTS SWITCHING MODE POWER SUPPLIES
HPU100 HITRON-HPU100 Datasheet
305Kb / 2P
UNIVERSAL AC INPUT HARMONIC CORRECTION AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 100 WATTS SWITCHING MODE POWER SUPPLIES
HSU300 HITRON-HSU300 Datasheet
230Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 300 WATTS SWITCHING MODE POWER SUPPLIES
HSU360 HITRON-HSU360 Datasheet
318Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE EUROCARD MULTI-OUTPUT 360 WATTS SWITCHING MODE POWER SUPPLIES
HSU393 HITRON-HSU393 Datasheet
584Kb / 2P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE DOUBLE & EXTENDED EUROCARD 400 WATTS MULTIPLE OUTPUT SWITCHING MODE POWER SUPPLIES
logo
Total Power Internation...
TPSU45-60-100 TOTAL-POWER-TPSU45-60-100 Datasheet
437Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-45 TOTAL-POWER-TPSU-45 Datasheet
437Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-60 TOTAL-POWER-TPSU-60 Datasheet
437Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
TPSU-100 TOTAL-POWER-TPSU-100 Datasheet
437Kb / 4P
DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com