Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSU60 Datasheet(PDF) 4 Page - HITRON ELECTRONICS CORPORTION

Part # HSU60
Description  DUAL SELECTABLE AC INPUT AC-DC 19" COMPATIBLE EUROCARD MULTI-OUTPUT 45-100 WATTS SWITCHING MODE POWER SUPPLIES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITRON [HITRON ELECTRONICS CORPORTION]
Direct Link  http://www.hitron-e.com
Logo HITRON - HITRON ELECTRONICS CORPORTION

HSU60 Datasheet(HTML) 4 Page - HITRON ELECTRONICS CORPORTION

  HSU60 Datasheet HTML 1Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 2Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 3Page - HITRON ELECTRONICS CORPORTION HSU60 Datasheet HTML 4Page - HITRON ELECTRONICS CORPORTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
-48-
OUTPUT VOLTAGE / CURRENT RATINGS CHART
HSU100 Series
MECHANICAL DIMENSIONS: MM [INCHES]
WEIGHT: HSU100 943.0g (33.26 Oz.)
DUAL OUTPUT
MAIN VO1
@#
AUX. VO2 ◇▲
MODEL NO.
Typ.
Volt.
Typ.
Volt.
HSU100-20
8.0A
5.0V
5.0A
12.0V
HSU100-21
4.2A
12.0V
4.2A
12.0V
HSU100-22
8.0A
5.0V
4.0A
15.0V
HSU100-23
3.4A
15.0V
3.4A
15.0V
HSU100-24
8.0A
5.0V
2.5A
24.0V
HSU100-25
2.1A
24.0V
2.1A
24.0V
HSU100-26E
8.0A
12.0V
0.5A
24.0V
SINGLE OUTPUT
MAIN VO1
@#
MODEL NO.
Typ.
Volt.
HSU100-10
20.0A
5.0V
HSU100-11
8.0A
12.0V
HSU100-12
7.0A
15.0V
HSU100-13
4.2A
24.0V
HSU100-16
3.6A
28.0V
HSU100-18
2.0A
48.0V
TRIPLE OUTPUT
MAIN VO1
@#
AUX. VO2 ◇▲
AUX. VO3 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU100-30
7.0A
5.0V
5.0A
12.0V
1.0A
5.0V
HSU100-31
6.0A
5.0V
4.0A
15.0V
0.6A
15.0V
HSU100-32
7.0A
5.0V
5.0A
12.0V
0.5A
12.0V
HSU100-33
7.0A
5.0V
2.5A
24.0V
0.5A
12.0V
QUAD OUTPUT
MAIN VO1
@#
AUX. VO2 ■†
AUX. VO3 ◇●
AUX. VO4 ◇●
MODEL NO.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
Typ.
Volt.
HSU100-48
4.0A
12.0V
2.0A
24.0V
0.5A
12.0V
0.5A
12.0V
HSU100-Q050MII
10.0A
5.0V
1.0A
24.0V
1.0A
12.0V
1.0A
12.0V
HSU100-Q050QII
10.0A
5.0V
1.0A
48.0V
0.5A
12.0V
0.5A
12.0V
Symbol: " " OVP built-in. "@" Adjustable. "#" Remote sensing. . "▲" Magnetic Amplifier. "●" Installed with Post Regulator.
"†" Stacked on main output. "◇" Floating(or isolated) output. "■" Couple common choke.
INPUT & OUTPUT CONNECTORS PIN ASSIGNMENTS
AC INPUT
SINGLE/DUAL/TRIPLE/QUAD OUTPUT
ASSORTED SIGNAL
ASSIGNMENT AC-L AC-N AC-G +VO1 -VO1 +VO2 -VO2 +VO3 -VO3 +VO4 -VO4
NC
LOG.
INH.
+S
-S
POWER
FAIL
HSU100-1X
28
30
32
4,6
12,14
-
-
-
-
-
-
16,18,24,26
20
8
10
22
HSU100-2X
28
30
32
4
6
8
10
-
-
-
-
12,14,16,18,24,26
20
-
-
22
HSU100-3X
28
30
32
4,6,
8,10
12
14
16
18
-
-
24,26
20
-
-
22
HSU100-4X
28
30
32
4
-
10
-
12
14
16
18
6,8,20,22,24
-
-
-
-
Mating connector: DIN41612-H15 Female
HSU100



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com