Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

8350 Datasheet(PDF) 1 Page - 3M Electronics

Part # 8350
Description  3M™ D Sub Socket
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

8350 Datasheet(HTML) 1 Page - 3M Electronics

  8350 Datasheet HTML 1Page - 3M Electronics 8350 Datasheet HTML 2Page - 3M Electronics 8350 Datasheet HTML 3Page - 3M Electronics 8350 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3M
Interconnect Solutions
http://www.3M.com/interconnects/
3M is a trademark of 3M Company.
For technical, sales or ordering information call
800-225-5373
3M™ D Sub Socket
50 Position
8350 Series
Physical
Electrical
Environmental
"RoHS compliant" means that the product or part does not contain any of the following substances in excess of the following maximum concentration values
in any homogeneous material, unless the substance is in an application that is exempt under RoHS: (a) 0.1% (by weight) for lead, mercury, hexavalent
chromium, polybrominated biphenyls or polybrominated diphenyl ethers; or (b) 0.01% (by weight) for cadmium. Unless otherwise stated by 3M in writing,
this information represents 3M's knowledge and belief based upon information provided by third party suppliers to 3M.
Insulation
Material: Glass Filled Polyester (PBT)
Flammability: UL 94V-0
Color: Gray
Contact
Material: Copper Alloy
Plating
Underplating: 100
μ″ [ 2.54 μm ] Nickel
Wiping Area: 30
μ″ [ 0.76 μm ] Gold
Shell
Material: Steel
Plating: Tin
Strain Relief Material:
Stainless Steel - .020 [ 0.50 ] Thick
Wire Accommodation: 26 and 28 AWG Solid or Stranded
Marking:
3M Logo and Contact Position Numbers
Current Rating:
1 A
Insulation Resistance: > 1
× 109Ω at 500 V
DC
Withstanding Voltage:
1000 Vrms at Sea Level
Temperature Rating:
-55
°C to +105°C
TS-0034-19
Sheet 1 of 3
• IDC compatible
• Lower insertion/withdrawal force than other
50 position products
• Available in either open or closed end cover
• Mounting options include #4-40 UNC or metric
M2.5
• Conforms to Intelligent Peripheral Interface (IPI)
standards
• RoHS* compliant
Date Modified: January 10, 2007
UL File No.: E68080


Similar Part No. - 8350

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
8350 GILWAY-8350 Datasheet
65Kb / 1P
T-1 Subminiature Lamps
logo
E-T-A Elektrotechnische...
8350-AA1B-AA00-A0AB0A-1A E-T-A-8350-AA1B-AA00-A0AB0A-1A Datasheet
179Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8350-...
8350-AA1B-MA00-A0AB0A-1A E-T-A-8350-AA1B-MA00-A0AB0A-1A Datasheet
179Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8350-...
8350-AA2B-AA00-A0AB0A-1A E-T-A-8350-AA2B-AA00-A0AB0A-1A Datasheet
179Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8350-...
8350-AA2B-MA00-A0AB0A-1A E-T-A-8350-AA2B-MA00-A0AB0A-1A Datasheet
179Kb / 6P
Magnetic and Hydraulic-Magnetic Circuit Breaker 8350-...
More results

Similar Description - 8350

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3485-2100F 3M-3485-2100F Datasheet
560Kb / 3P
3M D Sub Junction Shell
28-Feb-2005
3573-1000 3M-3573-1000 Datasheet
451Kb / 4P
3M D Ribbon Wiremount Socket
09-Mar-2005
8209-6000 3M-8209-6000 Datasheet
501Kb / 4P
3M D Sub Plug
07-Feb-2005
9601026202AR 3M-9601026202AR Datasheet
548Kb / 5P
3M™ Boardmount Socket
14-Feb-2008
8200 3M-8200 Datasheet
800Kb / 4P
3M D Sub Plug Plug Connector
950408-5002-AR 3M-950408-5002-AR Datasheet
566Kb / 4P
3M™ Boardmount Socket
24-Apr-2012
M3BMK-1618J 3M-M3BMK-1618J Datasheet
1Mb / 4P
3M Wiremount Socket
12-Oct-2011
logo
Adam Technologies, Inc.
DD50-SH-G1C ADAM-TECH-DD50-SH-G1C Datasheet
82Kb / 1P
D-SUB SOCKET
logo
3M Electronics
103XX-52F0-008 3M-103XX-52F0-008 Datasheet
999Kb / 5P
3M™ Mini D Ribbon (MDR) Connectors
April 10, 2008
103 3M-103 Datasheet
1Mb / 4P
3M™ Mini D Ribbon (MDR) Connectors
October 17, 2011
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com