Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL088CD Datasheet(PDF) 5 Page - Texas Instruments

Part # TL088CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL088CD Datasheet(HTML) 5 Page - Texas Instruments

  TL088CD Datasheet HTML 1Page - Texas Instruments TL088CD Datasheet HTML 2Page - Texas Instruments TL088CD Datasheet HTML 3Page - Texas Instruments TL088CD Datasheet HTML 4Page - Texas Instruments TL088CD Datasheet HTML 5Page - Texas Instruments TL088CD Datasheet HTML 6Page - Texas Instruments TL088CD Datasheet HTML 7Page - Texas Instruments TL088CD Datasheet HTML 8Page - Texas Instruments TL088CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
5
operating characteristics VCC = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TL088M, TL288M
TL087I, TL087C
TL088I, TL088C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
SR
Slew rate at unity gain
VI = 10 V,
CL = 100 pF,
RL = 2 kΩ,
AVD = 1
18
8
18
V/
µs
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
55
55
ns
Overshoot factor
CL = 100 pF,
AVD = 1
25%
25%
Vn
Equivalent input noise voltage
RS = 100 Ω,
f = 1 kHz
19
19
nV/
√Hz
PARAMETER MEASUREMENT INFORMATION
VI
VCC +
VCC –
VO
CL
(see Note A)
Overshoot
10%
90%
tr – Rise Time
RL
NOTE A: CL includes fixture capacitance.
Figure 1. Slew Rate, Rise/Fall Time,
Figure 2. Rise Time and Overshoot
and Overshoot Test Circuit
Waveform
VCC –
VCC +
VO
CL
VO
VCC –
VCC +
RS
RS
10 k
Ω
RL
VI
10 k
Ω
100
NOTE A: CL includes fixture capacitance.
(see Note A)
Figure 3. Noise Voltage Test Circuit
Figure 4. Unity-Gain Brandwidth and
Phase Margin Test Circuit
pA
VCC +
VCC –
Ground Shield
pA
Figure 5. Input Bias and Offset
Current Test Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com