Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL088CD Datasheet(PDF) 4 Page - Texas Instruments

Part # TL088CD
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL088CD Datasheet(HTML) 4 Page - Texas Instruments

  TL088CD Datasheet HTML 1Page - Texas Instruments TL088CD Datasheet HTML 2Page - Texas Instruments TL088CD Datasheet HTML 3Page - Texas Instruments TL088CD Datasheet HTML 4Page - Texas Instruments TL088CD Datasheet HTML 5Page - Texas Instruments TL088CD Datasheet HTML 6Page - Texas Instruments TL088CD Datasheet HTML 7Page - Texas Instruments TL088CD Datasheet HTML 8Page - Texas Instruments TL088CD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
electrical characteristics, VCC± = ±15 V
PARAMETER
TEST CONDITIONS†
TL088M
TL288M
TL087I
TL088I
TL287I
TL288I
TL087C
TL088C
TL287C
TL288C
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
RS = 50 Ω,
TL087, TL287
0.1
0.5
0.1
0.5
VO = 0
TL088 TL288
01
3
01
1
01
1
V
Input offset voltage
TA = 25°C
TL088, TL288
0.1
3
0.1
1
0.1
1
mV
VIO
Input offset voltage
RS = 50 Ω,
TL087, TL287
2
1.5
mV
VO = 0,
TL088 TL288
6
3
25
TA = full range
TL088, TL288
6
3
2.5
α
VIO
Temperature coefficient
RS =50 Ω
TA =25°CtoMAX
10
8
8
µV/°C
α
VIO
of input offset voltage
RS = 50 Ω,
TA = 25°C to MAX
10
8
8
µV/°C
IIO
Input offset current
TA = 25°C
5
5
100
5
100
pA
IIO
Input offset current
TA = full range
25
3
2
nA
IIB
Input bias current‡
TA = 25°C
30
30
200
30
200
pA
TA = full range
100
20
7
nA
Common mode input
VCC – + 4
VCC – +4
VCC – +4
VICR
Common-mode input
voltage range
TA = 25°C
to
to
to
V
voltage range
VCC + –4
VCC + –4
VCC + –4
Maximum peak to peak
TA = 25°C,
RL = 10 kΩ
24
27
24
27
24
27
VO(PP)
Maximum-peak-to-peak
output voltage swing
TA = full range
RL ≥ 10 kΩ
24
24
24
V
()
out ut voltage swing
TA = full range
RL ≥ 2 kΩ
20
20
20
RL ≥ 2 kΩ,
VO = ± 10 V,
50
105
50
105
50
105
AVD
Large-signal differential
TA = 25°C
50
105
50
105
50
105
V/mV
AVD
voltage amplification
RL ≥ 2 kΩ,
VO = ± 10 V,
25
25
25
V/mV
TA = full range
25
25
25
B1
Unity-gain bandwidth
TA = 25°C
3
3
3
MHz
ri
Input resistance
TA = 25°C
1012
1012
1012
Ω
CMRR
Common–mode rejection
RS = 50 Ω,
VO = 0 V,
80
93
80
93
80
93
dB
CMRR
j
ratio
VIC = VICR min, TA = 25°C
80
93
80
93
80
93
dB
Supply voltage rejection
RS = 50 Ω,
VO = 0 V,
kSVR
Supply voltage rejection
ratio (
∆VCC±/∆VIO)
VCC
± = ±9 V to ±15 V,
80
99
80
99
80
99
dB
ratio (
∆VCC±/∆VIO)
TA = 25°C
ICC
Supply current
No load,
VO = 0 V,
26
28
26
28
26
28
mA
ICC
y
(per amplifier)
TA = 25°C
26
2.8
2.6
2.8
2.6
2.8
mA
† All characteristics are measured under open–loop conditions with zero common-mode input voltage unless otherwise specified. Full range for TA is –55°C to 125°C for TL_88M;
–40
°C to 85°C for TL_8_I; and 0°C to 70°C for TL_8_C.
‡ Input bias currents of a FET-input operational amplifier are normal junction reverse currents, which are temperature sensitive. Pulse techniques must be used that will maintain
the junction temperature as close to the ambient temperature as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com