Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL088CP Datasheet(PDF) 13 Page - Texas Instruments

Part # TL088CP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL088CP Datasheet(HTML) 13 Page - Texas Instruments

Back Button TL088CP Datasheet HTML 9Page - Texas Instruments TL088CP Datasheet HTML 10Page - Texas Instruments TL088CP Datasheet HTML 11Page - Texas Instruments TL088CP Datasheet HTML 12Page - Texas Instruments TL088CP Datasheet HTML 13Page - Texas Instruments TL088CP Datasheet HTML 14Page - Texas Instruments TL088CP Datasheet HTML 15Page - Texas Instruments TL088CP Datasheet HTML 16Page - Texas Instruments TL088CP Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
13
TYPICAL CHARACTERISTICS†
0
0
–60
|VCC
±| – Supply Voltage – V
16
60
2
4
6
8
10
12
14
–40
–20
0
20
40
Time – Seconds
40
20
–20
–40
60
–60
60
50
40
30
20
10
0
VO = 0
TA = 25°C
VID = 1 V
TA = 25°C
VID = – 1 V
VCC
± = ±15 V
VID = 1 V
VID = –1 V
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
SHORT-CIRCUIT OUTPUT CURRENT
vs
TIME
Figure 26
Figure 27
0
TA – Free-Air Temperature – °C
40
20
–20
–40
60
–60
100
75
50
25
0
–25
– 50
125
–75
VCC
± = ±15 V
VCC
± = ±5 V
VCC
± = ±5 V
VCC
± = ±15 V
VID = 1 V
VID = 1 V
VID = – 1 V
VID = – 1 V
VO = 0
SHORT-CIRCUIT OUTPUT CURRENT
vs
FREE-AIR TEMPERATURE
Figure 28
† Data at high and low temperatures are applicable within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com