Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL088CP Datasheet(PDF) 3 Page - Texas Instruments

Part # TL088CP
Description  JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL088CP Datasheet(HTML) 3 Page - Texas Instruments

  TL088CP Datasheet HTML 1Page - Texas Instruments TL088CP Datasheet HTML 2Page - Texas Instruments TL088CP Datasheet HTML 3Page - Texas Instruments TL088CP Datasheet HTML 4Page - Texas Instruments TL088CP Datasheet HTML 5Page - Texas Instruments TL088CP Datasheet HTML 6Page - Texas Instruments TL088CP Datasheet HTML 7Page - Texas Instruments TL088CP Datasheet HTML 8Page - Texas Instruments TL088CP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
TL087, TL088, TL287, TL288
JFET-INPUT OPERATIONAL AMPLIFIERS
SLOS082A – D2484, MARCH 1979 – REVISED JANUARY 1993
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
3
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
TL088M
TL288M
TL087I
TL088I
TL287I
TL288I
TL087C
TL088C
TL287C
TL288C
UNIT
Supply voltage, VCC + (see Note 1)
18
18
18
V
Supply voltage, VCC – (see Note 1)
–18
–18
–18
V
Differential input voltage (see Note 2)
±30
±30
±30
V
Input voltage (see Notes 1 and 3)
±15
±15
±15
V
Input current, II (each Input)
±1
±1
±1
mA
Output current, IO (each output)
±80
±80
±80
mA
Total VCC + terminal current
160
160
160
mA
Total VCC– terminal current
– 160
– 160
– 160
mA
Duration of output short circuit (see Note 4)
unlimited
unlimited
unlimited
Continuous total dissipation
See Dissipation Rating Table
Operating free-air temperature range
– 55 to 125
– 25 to 85
0 to 70
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Lead temperature 1,6 mm (1/16 inch) from
case for 60 seconds
JG or U package
300
300
300
°C
Lead temperature 1,6 mm (1/16 inch) from
case for 10 seconds
D or P package
260
260
°C
NOTES: 1. All voltage values, except differential voltages, are with respect to the midpoint between VCC+ and VCC–.
2. Differential voltages are at the noninverting input terminal with respect to the inverting input terminal.
3. The magnitude of the input voltage must never exceed the magnitude of the supply voltage or 15 V, whichever is less.
4. The output may be shorted to ground or to either supply. Temperature and/or supply voltages must be limited to ensure that the
dissipation rating is not exceeded.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
725 mW
5.8 mW/
°C
464 mW
377 mW
N/A
JG
1050 mW
8.4 mW/
°C
672 mW
546 mW
210 mW
P
1000 mW
8.0 mW/
°C
640 mW
520 mW
N/A
U
675 mW
5.4 mW/
°C
432 mW
351 mW
135 mW
recommended operating conditions
C-SUFFIX
I-SUFFIX
M-SUFFIX
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
Supply voltage, VCC
±5
±5
±5
±5
±5
±15
V
Common mode input voltage VIC
VCC
± = ±5 V
–1
4
–1
4
–1
4
V
Common-mode input voltage, VIC
VCC
± = ±15 V
–11
11
–11
11
–11
11
V
Input voltage VI
VCC
± = ±5 V
–1
4
–1
4
–1
4
V
Input voltage, VI
VCC
± = ±15 V
–11
11
–11
11
–11
11
V
Operating free-air temperature, TA
0
70
–40
85
–55
125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com