Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1079 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1079
Description  LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1079 Datasheet(HTML) 1 Page - Texas Instruments

  TLC1079 Datasheet HTML 1Page - Texas Instruments TLC1079 Datasheet HTML 2Page - Texas Instruments TLC1079 Datasheet HTML 3Page - Texas Instruments TLC1079 Datasheet HTML 4Page - Texas Instruments TLC1079 Datasheet HTML 5Page - Texas Instruments TLC1079 Datasheet HTML 6Page - Texas Instruments TLC1079 Datasheet HTML 7Page - Texas Instruments TLC1079 Datasheet HTML 8Page - Texas Instruments TLC1079 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
™ µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179 – FEBRUARY 1997
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Power Dissipation as Low as 10 µW Typ Per
Amplifier
D Operates on a Single Silver-Oxide Watch
Battery, VDD = 1.4 V Min
D VIO . . . 450 µV/850 µV Max in DIP and
Small-Outline Package (TLC1078/79)
D Input Offset Voltage Drift... 0.1 µV/Month
Typ, Including the First 30 Days
D High-impedance LinCMOS™ Inputs
IIB = 0.6 pA Typ
D High Open-Loop Gain...800000 Typ
D Output Drive Capability > 20 mA
D Slew Rate...47 V/ms Typ
D Common-Mode Input Voltage Range
Extends Below the Negative Rail
D Output Voltage Range Includes Negative
Rail
D On-Chip ESD-Protection Circuitry
D Small-Outline Package Option Also
Available in Tape and Reel
description
The TLC107x operational amplifiers offer ultra-
low offset voltage, high gain, 110-kHz bandwidth,
47-V/ms slew rate, and just 150-
µW power
dissipation per amplifier.
With a supply voltage of 1.4 V, common-mode
input to the negative rail, and output swing to the
negative rail, the TLC107xC is an ideal solution for
low-voltage
battery-operated
systems.
The
20-mA output drive capability means that the
TLC107x can easily drive small resistive and large
capacitive loads when needed, while maintaining
ultra-low standby power dissipation.
Since this device is functionally compatible as well
as pin compatible with the TLC27L2/4 and
TLC27L7/9,
the
TLC107x
easily
upgrades
existing designs that can benefit from its improved
performance.
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
LinCMOS is a trademark of Texas Instruments Incorporated.
1
2
3
4
8
7
6
5
1OUT
1IN –
1IN+
GND
VDD
2OUT
2IN –
2IN+
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
NC
2OUT
NC
2IN –
NC
NC
1IN –
NC
1IN+
NC
NC – No internal connection
TLC1078
D, JG, OR P PACKAGE
(TOP VIEW)
TLC1078
FK PACKAGE
(TOP VIEW)
32
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
4IN+
NC
GND
NC
3IN+
1IN+
NC
VDD
NC
2IN+
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1OUT
1IN –
1IN+
VDD
2IN+
2IN –
2OUT
4OUT
4IN –
4IN+
GND
3IN+
3IN –
3OUT
TLC1079
D, J, OR N PACKAGE
(TOP VIEW)
TLC1079
FK PACKAGE
(TOP VIEW)


Similar Part No. - TLC1079

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC1079 TI-TLC1079 Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1079 TI2-TLC1079 Datasheet
1Mb / 39P
LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS
REVISED MARCH 2001
TLC1079CD TI-TLC1079CD Datasheet
1Mb / 36P
LinCMOS UPOWER PRECISION OPERATIONAL AMPLIFIERS
TLC1079CD TI2-TLC1079CD Datasheet
1Mb / 39P
LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS
REVISED MARCH 2001
TLC1079CD.A TI2-TLC1079CD.A Datasheet
1Mb / 39P
LinCMOS μPOWER PRECISION OPERATIONAL AMPLIFIERS
REVISED MARCH 2001
More results

Similar Description - TLC1079

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC274 TI-TLC274 Datasheet
668Kb / 42P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI-TLC27L2 Datasheet
538Kb / 33P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI-TLC27L4 Datasheet
603Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27M2 TI-TLC27M2 Datasheet
509Kb / 34P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4 TI-TLC27M4 Datasheet
555Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810 TI1-TLC2810 Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27M4BCDR TI1-TLC27M4BCDR Datasheet
557Kb / 37P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC27L2 TI1-TLC27L2_16 Datasheet
1Mb / 50P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
TLC27L4 TI1-TLC27L4_14 Datasheet
1Mb / 43P
LinCMOSE PRECISION QUAD OPERATIONAL AMPLIFIERS
TLC2810Z TI1-TLC2810Z Datasheet
336Kb / 23P
LinCMOSE PRECISION DUAL OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com