Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC1079 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLC1079
Description  LinCMOSE mPOWER PRECISION OPERATIONAL AMPLIFIERS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC1079 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLC1079 Datasheet HTML 9Page - Texas Instruments TLC1079 Datasheet HTML 10Page - Texas Instruments TLC1079 Datasheet HTML 11Page - Texas Instruments TLC1079 Datasheet HTML 12Page - Texas Instruments TLC1079 Datasheet HTML 13Page - Texas Instruments TLC1079 Datasheet HTML 14Page - Texas Instruments TLC1079 Datasheet HTML 15Page - Texas Instruments TLC1079 Datasheet HTML 16Page - Texas Instruments TLC1079 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 33 page
background image
TLC1078, TLC1078Y, TLC1079, TLC1079Y
LinCMOS
™ µPOWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS179 – FEBRUARY 1997
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at specified operating free-air temperature
†
TLC1078M
PARAMETER
TEST
CONDITIONS
TA†
VDD = 5 V
VDD = 10 V
UNIT
CONDITIONS
A
MIN
TYP
MAX
MIN
TYP
MAX
VIO
Input offset voltage
VO = 1.4 V,
25
°C
160
450
180
600
µV
VIO
Input offset voltage
VO = 1.4 V,
VIC = 0,
Full range
1250
1400
µV
αVIO
Temperature coefficient of
input offset voltage
RS = 50 Ω,
RL = 1 MΩ
25
°C to 125°C
1.4
1.4
µV/°C
IIO
Input offset current
25
°C
0.1
0.1
pA
IIO
(see Note 4)
VO = VDD / 2,
125
°C
1.4
15
1.8
15
nA
IIB
Input bias current
ODD
,
VIC = VDD / 2
25
°C
0.6
0.7
pA
IIB
In ut bias current
(see Note 4)
125
°C
9
35
10
35
nA
VICR
Common-mode input
25
°C
0
to 4
– 0.3
to 4.2
0
to 9
– 0.3
to 9.2
V
VICR
Common mode in ut
voltage range (see Note 5)
Full range
0
to 3.5
0
to 8.5
V
V
100
V
25
°C
3.2
4.1
8.2
8.9
VOH
High-level output voltage
VID = 100 mV,
RL=1MΩ
–55
°C
3.2
4.1
8.2
8.8
V
RL= 1 MΩ
125
°C
3.2
4.2
8.2
9
V
100
V
25
°C
0
25
0
25
VOL
Low-level output voltage
VID = –100 mV,
IOL =0
–55
°C
0
25
0
25
mV
IOL = 0
125
°C
0
25
0
25
L
i
l diff
ti l
R1 M
Ω
25
°C
250
525
500
850
AVD
Large-signal differential
voltage amplification
RL= 1 MΩ ,
See Note 6
–55
°C
250
950
500
1750
V/mV
voltage am lification
See Note 6
125
°C
35
200
75
380
25
°C
70
95
75
97
CMRR
Common-mode rejection ratio
VIC = VICRmin
–55
°C
70
95
75
97
dB
125
°C
70
85
75
91
S
l
lt
j
ti
ti
25
°C
75
98
75
98
kSVR
Supply-voltage rejection ratio
(
∆VDD/∆VIO)
VO = 1.4 V
–55
°C
70
98
70
98
dB
(
∆VDD/∆VIO)
125
°C
70
98
70
98
Sl
t (t
VO = VDD / 2,
25
°C
20
34
29
46
IDD
Supply current (two
amplifiers)
VO VDD / 2,
VIC = VDD / 2,
Nl
d
–55
°C
35
60
56
96
µA
am lifiers)
No load
125
°C
14
24
18
30
† Full range is – 55
°C to 125°C.
NOTES:
4. The typical values of input bias current and input offset current below 5 pA were determined mathematically.
5. This range also applies to each input individually.
6. At VDD = 5 V, VO = 0.25 V to 2 V; at VDD = 10 V, VO = 1 V to 6 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com