Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC40A Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MPC40A
Description  MICROSPACE Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPC40A Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MPC40A Datasheet HTML 1Page - ADL Embedded Solutions MPC40A Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE Systems
All Data subject to change without notice
Feature
Functions
Remarks
CPU / Chipset
Intel Pentium P738
Upgrade / Downgrade possible
2nd Level Cache
2048kB
CPU dependent
Equivalent Pentium4 Performance
2.8GHz
CPU dependent
Chipset
Intel 855GME
Memory
256MB
Upgrade possible
Harddisk
40GB
Uses 2.5” format
Optical drive
CD-Drive
Can come without optical drive
Video Controller
855GME
Video Memory
64MB
3D-Support
DirectX9
1. Video Interface
QXGA
2. Video Interface
DVI / TV
3. Video Interface
—
Resolution max.
2048 x 1536
@75Hz
Keyboard, Mouse
2x PS/2
Serial Interface
COM1
RS232C
Parallel Interface
LPT
USB
4x V2.0
Firewire IEEE1394
—
IrDA
115kBaud
TV-Input/Framegrabber
—
MPEG2 + AC3 Encoder
—
LAN Port A
1x 100/10Base-T
RJ45
LAN Port B & C
2x 100/10Base-T
RJ45
RPL/PXE Intel LAN-Boot/Wake up
yes/yes
Audio Controller
AC97-2.3
Options
yes*
*Please contact our Sales office
Power Input/Consumption
10V - 30V DC
typ. 35W
Power Supply Adapter
110/220V AC
Power Saving
Suspend/Resume, Instant On
ON/OFF
SoftOff
Conformity
CE, FCC
Protection class
IP50
Dimensions
159 x 245 x 66 mm
Case
molded aluminum
Color
Anthracite/red anodized
Weight (gr)
3kg
Noise
<30dB(A)
Operating Temperature Normal
+5°C to +50°C
Extended Operating Temperature
-40°C to +70°C
No optical drive, with preheat option
Vibration/Shock incl. HD/CD/DVD
1 / 10G
MTBF
60´000h
Verified Operating System
WIN2000, WIN XP, LINUX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com