Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC40A Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MPC40A
Description  MICROSPACE Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPC40A Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MPC40A Datasheet HTML 1Page - ADL Embedded Solutions MPC40A Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
MICROSPACE Systems
All Data subject to change without notice
MICROSPACE - MPC40A
Feature
• Pentium M - 738 Standard
• 256MB Memory
• 40GB disk, CD
• CD-ROM
• 4x USB V2.0
• 3x LAN
• LPT, COM1 and COM2
• DirectX 9, 64MB video Memory, VGA, DVI, TV Out
• Expandable via MiniPCI slot
• Wake up from LAN and Boot over LAN (RPL/PXE)
• Lightweight (< 3kg)
• Small Dimensions: 159 x 245 x 66mm
• Fanless operating temperature +5°C to +50°C
• IP 50
Description
The MICROSPACE PC normally comes equipped with a hard
disk, memory, video, USB ports, LAN ports and has been factory
tested to assure functionality. Each model has a unique feature
incorporated to differentiate it from the other models. The unit can
come pre-configured with the operating system and drivers in-
stalled.
The MICROSPACE PC 40A may be installed horizontally or
vertically as well as mounted in a vehicle - it is very versatile. Its
compact size makes the computer easy to install in places where
limited space is available. The MICROSPACE PC also works well
in extremely dusty environments, since no dust particles are
drawn in (fan-less design) as it is protected by the book size
aluminum case. It is designed for maintenance free long-term
operating in a rugged environment. These are the special features
of the MICROSPACE PC which make it the smallest, quietest PC
we know of in the market with this much processing power. Each
MICROSPACE PC model is equipped with unique features and a
wide range of options. Please see backside for details and contact
our Sales office.
Ordering Information
Item Codes
Part#
Description
Microspace-PC40A 812450
Wireless LAN
813087
WLAN (needs to be ordered with Unit)
512MB
807361
Upgrade to 512MB DDR memory
1 GB
807363
Upgrade to 1GB DDR memory
80GB HDD
807365
Upgrade to 80GB Hard Drive
20GB ext. temp HD 807366
Replace std drive w/Extended temp.
DVD/CDRW
807370
Upgrade CDROM to DVD/CDRW
CD removed
807375
Remove CD ROM
Celeron-M300
807356
Replace CPU with CeleronM300
Celeron-M373
807357
Replace CPU with CeleronM373
Pentium–M745
807358
Replace CPU with Pentium M745
Pentium-M755
807359
Replace CPU with Pentium M755
US Power Cable
100-9639 US Power Cable
Active cooler
814190
USB 5VDC fan
MPC-AC-cooler
814195
Mechanical interface to a vehicle A/C
MPC-Mountingkit-V 814055
Mounting kit for MPC in Vehicle
MPC-DIN
812120
DIN rail Wall mount Assembly (w/o rail)
*More options may be available, please contact our Sales office*
Options
Hard drive removed 807377
Remove Hard drive
CF upgrade
807373
Compact Flash Type II
COM2 upgrade
807382
Upgrade COM2 in place of LPT1
COM1 as RS422/485
807381
Upgrade COM1 as 422/485


Similar Part No. - MPC40A

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
More results

Similar Description - MPC40A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM5865SEV ETC1-MSM5865SEV Datasheet
37Kb / 1P
MICROSPACE MSM586 PC/104 Processor Board with LAN VGA/LCD
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com