Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCX47 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # PCX47
Description  MICROSPACE PC Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

PCX47 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  PCX47 Datasheet HTML 1Page - ADL Embedded Solutions PCX47 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE PC Systems
All Data subject to change without notice
Feature
Functions
Remarks
CPU / Chipset
Intel Pentium P738
Upgrade/downgrade possible
2nd Level Cache
2048kB
CPU dependent
Equivalent Pentium4 Performance
2.8GHz
CPU dependent
Chipset
Intel 855GME
Memory
512MB, DDR
Upgrade possible
Mediapack 01 incl. Frontcover
40FB-HD, DVD/CD (option NiMH 16 Wh UPS Battery)
System has to include one Mediapack
Mediapack 02 incl. Frontcover
3 x Compact Flash
System has to include one Mediapack
Mediapack 03 incl. Frontcover
30 GB extended HD, 1 x CF
System has to include one Mediapack
Mediapack 04 incl. Frontcover
2 x 80GB HD
System has to include one Mediapack
Replicator 02
Standard I/O and Digital I/O
System has to include one Replicator
Replicator 03
Standard I/O
System has to include one Replicator
Replicator 04
MIL Connectors and IP65
System has to include one Replicator
Harddisk
via Mediapack
Video Controller
855GME
Video Memory
64MB
3D-Support
DirectX9
1. Video Interface
QXGA
2. Video Interface
DVI-D
3. Video Interface
LVDS 18Bit with USB-Interface
Resolution max.
2049 x 1536 (@75Hz)
Keyboard, Mouse
2x PS/2
Serial Interface
COM1/COM2
RS232C
Parallel Interface
LPT
USB
4x V2.0
2x rear and 2x front (stickholder)
Firewire IEEE1394
1x front / 1x rear
TV-Input/Framegrabber
3 x CVBS via Mediapack
LAN Port A
1x 100/10Base-T
RJ45
RPL/PXE Intel LAN-Boot/Wake up
yes/yes
Audio Controller
AC97-2.3
LineMic-, In– and Output
stereo
GPS Module
optional
Jupiter 21
Options
yes*
*Please contact our Sales office
Power Input/Consumption
8V - 32V DC / typ.
Power Supply Adapter
110/220V AC
Power Saving
Suspend/Resume, SoftOff, Instant On
ON/OFF
Ignition ON / power down
Conformity
CE, IP65, Class B, E1, UL
Protection class
IP54/IP65
Dimensions
160 x 300 x 66 mm
Case
molded aluminum
Color
black anodized
Weight (gr)
3.2kg
Noise
<30dB(A)
Operating Temperature Normal
0°C to +50°C
Extended Operating Temperature
-40°C to +75°C with 0.6GHz,
no optical drive, with preheat option
Vibration/Shock incl. HD/CD/DVD
1 / 10G
MTBF
60´000h
Verified Operating System
WIN XP, LINUX, QNX



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com