Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PCX47 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # PCX47
Description  MICROSPACE PC Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

PCX47 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  PCX47 Datasheet HTML 1Page - ADL Embedded Solutions PCX47 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4328
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adlogic-pc104.com; web: www.adlogic-pc104.com
MICROSPACE PC Systems
All Data subject to change without notice
MICROSPACE-PCX47
Feature
• Pentium M - 738 Standard
• 512MB Memory
• 4x USB V2.0 (2 front, 2 rear)
• LPT, COM1 and COM2
• 2x Firewire IEEE1394 (1 front, 1 rear)
• 3x Video In
• Audio-In/Out Stereo
• Remote ON by Ignition, Power Down Signal
• GSM supply (without GSM Module)
• Fanless operating temperature +5°C to +50°C
• Small Dimensions: 159 x 245 x 66mm
• choose a media pack for flexible additional features
• IP54/65
• GPS (optional)
• LAN Ethernet 10/100Base-T
Description
The MICROSPACE PC normally comes equipped with a hard
disk, memory, video, USB ports, LAN ports and has been factory
tested to assure functionality. Each model has a unique feature
incorporated to differentiate it from the other models. The unit can
come pre-configured with the operating system and drivers in-
stalled.
The MICROSPACE PC X47 may be installed horizontally or
vertically as well as mounted in a vehicle - it is very versatile and
rugged, built for military requirements. Its compact size makes the
computer easy to install in places where limited space is available.
The MICROSPACE PC also works well in extremely dusty envi-
ronments, since no dust particles are drawn in (fan-less design)
as it is protected by the book size
aluminum case. It is designed
for maintenance free long-term operating in a rugged environ-
ment. These are the special features of the MICROSPACE PC
which make it the smallest, quietest PC we know of in the market
with this much processing power. Each
MICROSPACE PC
model is equipped with unique features and a wide range of op-
tions. Please see backside for details and contact our Sales office.
Ordering Information
Item Codes
Part#
Description
MPCX-47 System
814200
Base System
Options
Choose one Rep0(X) and one MP(X)
MPCX-REP02
814222
Port Replicator (see back for details)
MPCX-REP03
814224
Port Replicator (see back for details)
MPCX-REP04
814226
Port Replicator (see back for details)
MPCX-47-MP1
814250
Media Pack (see back for details)
MPCX-47-MP2
814252
Media Pack (see back for details)
MPCX-47-MP3
814254
Media Pack (see back for details)
MPCX-47-MP4
814256
Media Pack (see back for details)
MPCX47-WLAN
814262
Wireless LAN Intel Pro 2200
20GB ext. Temp. HD
807366
Replace Drive with Extend. Temp.
Celeron –M300
807356
Replace CPU with Celeron M300
Celeron –M373
807357
Replace CPU with Celeron M373
MPCX47-hdpreheat 814264
Built in element contr. w/SW to heat HD
MSMC104+
806035
PC/104+ CAN BUS Module
CAN251opto
814272
CAN-BUS Module, optically isolated
GPS Module
814140
Jupiter 21 GPS Module
*More options may be available, please contact our Sales office*


Similar Part No. - PCX47

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
More results

Similar Description - PCX47

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
MPCV800 ADL-MPCV800 Datasheet
188Kb / 2P
MICROSPACE PC Systems
logo
FSP TECHNOLOGY INC.
FSP100-RAA FSP-FSP100-RAA Datasheet
76Kb / 1P
AIO systems, PC systems, laptops
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com