Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCV800 Datasheet(PDF) 2 Page - ADL Embedded Solutions

Part # MPCV800
Description  MICROSPACE PC Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPCV800 Datasheet(HTML) 2 Page - ADL Embedded Solutions

  MPCV800 Datasheet HTML 1Page - ADL Embedded Solutions MPCV800 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MICROSPACE PC Systems
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
Feature Technical Specifications
FEATURES
FUNCTIONS
REMARKS
OPTIONS
Item code
MPCV-800
MPCV-855
CPU
Geode LX800
Intel Celeron M 1GHz
2nd Level Cache
Performance (MHz)
500MHz
1GHz
DRAM Min-Max (MB)
256MB DDR DRAM, max. 1GB 256MB DDR DRAM, max. 1GB
Power Management
DiskOnChip Socket
CompactFlash Socket
Optional
Optional
1x type I/II, front slot (not hot-plug)
Mouse, Keyboard
Floppy Interface
Micorfloppy
Microfloppy
26pin
IDE Interface
E-IDE
E-IDE
Onboard IDE-Flash
COM1
RS232
RS232C
COM2
RS232
RS232C
COM3
optional
optional
on MPCV800/I or MPCV855/I
COM4
optional
optional
on MPCV800/I or MPCV855/I
LPT1
optional
optional
on MPCV800/I or MPCV855/I
USB
4x V2.0
4x V2.0
LAN-PortA
10/100Base-T
10/100Base-T
LAN-Port B
1GBit Ethernet
1GBit Ethernet
Audio
optional
optional
On MPCV800/M or MPCV855/M
Video Controller
Geode LX800
i855GME Extreme Grafic
Video Datapath
Max. 16MByte
64MByte
Video Memory
DVI Display
On MPCV855/M
LVDS Display
yes
yes
18Bit
Analog VGA interface
Up to 1920x1440@85Hz
Up to 1920x1440@85Hz
Protection Class
IP30
IP30
EEPROM Support
Watchdog
other
ISA Bus, PCI Bus, Digital I/O
ISA Bus, PCI Bus, Digital I/O
DC Power supply
9-30V, typ. 10W
9-30V typ. 15W
Power Suspend
Cooling Type
Operating Temp.
0°C to +50°C
0°C to +50°C
Extended Temp.
none
none
Weight (gr)
3kg
3kg



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com