Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPCV800 Datasheet(PDF) 1 Page - ADL Embedded Solutions

Part # MPCV800
Description  MICROSPACE PC Systems
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADL [ADL Embedded Solutions]
Direct Link  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

MPCV800 Datasheet(HTML) 1 Page - ADL Embedded Solutions

  MPCV800 Datasheet HTML 1Page - ADL Embedded Solutions MPCV800 Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MICROSPACE PC Systems
Data is subject to change without notice
Advanced Digital Logic, Inc.; 4411 Morena Blvd., Suite 101; San Diego, CA 92117-4345
Ph. 858 490-0597 F. 858 490-0599; e-mail: sales@adl-usa.com; web: www.adl-usa.com
AMD Geode LX800 - 500MHz - MPCV800/I/M
Intel CeleronM 1GHz –MPCV855/I/M
Feature
• AMD Geode LX800 or Intel Celeron M
• 500MHz (MPCV800x) or 1GHz (MPCV855x)
• 256 MB DDR-RAM, max. 1GB
• LVDS 18Bit
• 10/100 Base-T LAN-Ethernet
• 1GBit Ethernet
• 4x USB V2.0 Ports
• 2.5” -40 GB HDD
• COM1, COM2,
• RTC and Watchdog Timer
• PC/104(+) BUS Connector
Description
With the MICROSPACE–PCV800/855 (MPCV800/855)
Advanced Digital-Logic offers an embedded computer
board based on either the AMD processor Geode
LX800 or Intel Celeron M. These Systems are based
on the new EPIC size board from Digital-Logic.
The standard MSEP800/MSEP855 also incorporates
USB V2.0, graphic, dual LAN, COM1 & COM2 and the
possibility of expandable functions via PC/104plus (ISA
and PCI). Beside the base model we also offer Indus-
trial and Multimedia Version (see options). Up to 3 par-
allel displays (VGA, DVI, LVDS) may show 3 similar or
2 different pictures. Up to four serial interfaces with
RS232C
(industrial
version
only),
alternatively
RS422/485 available.
The System is fanless and comes in a IP30-rated case.
Ordering Information
Item Codes
Part#
Description
MPCV800
815100 500MHz, 256MB DDR-RAM
MPCV800/I
815110 Above with COM3&4, LPT1
MPCV800/M
815120 Above DVI 24-bit, AC97 - Stereo
MPCV855
815000 1GHz, 256MB DDR-RAM
MPCV855/I
815010 Above with COM3&4, LPT1
MPCV855/M
815020 Above DVI, TV-out on DVI port, AC97-5.1
Options
MPCV-AC90
815070 AC in (110/240) dc out 19 V
MPCV-CF
815050 Replace HDD with CF Socket Type II
MPCV-WLAN
MPC40/A/X48MPCV512 807361 Upgrade to 512MB DDR memory
MPC40A/X48/MPCV 1GB
807362 Upgrade to 1GB DDR memory
MSEP-RS422
804020 Converter for 1 RS232 to 422 opt. isolated
MSEP-RS485
804021 Converter for 1 RS232 to 485 opt. isolated
Other options may be available
815080 Intel Pro 2200 WLAN added w. Antenna


Similar Part No. - MPCV800

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
MPCV1060L1R0 KEMET-MPCV1060L1R0 Datasheet
57Kb / 1P
KEMET, MPCV, Power, 1000 nH, 20%
MPCV1060L1R5 KEMET-MPCV1060L1R5 Datasheet
57Kb / 1P
KEMET, MPCV, Power, 1500 nH, 20%
MPCV1260L1R0 KEMET-MPCV1260L1R0 Datasheet
57Kb / 1P
KEMET, MPCV, Power, 1000 nH, 20%
MPCV1260L1R5 KEMET-MPCV1260L1R5 Datasheet
57Kb / 1P
KEMET, MPCV, Power, 1500 nH, 20%
More results

Similar Description - MPCV800

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MSM386SN ETC2-MSM386SN Datasheet
34Kb / 1P
MICROSPACE PC/104
logo
ADL Embedded Solutions
PC40 ADL-PC40 Datasheet
213Kb / 2P
MICROSPACE PC Systems
MPC40A ADL-MPC40A Datasheet
189Kb / 2P
MICROSPACE Systems
PC41 ADL-PC41 Datasheet
210Kb / 2P
MICROSPACE PC Systems
PCX47 ADL-PCX47 Datasheet
223Kb / 2P
MICROSPACE PC Systems
PCX48 ADL-PCX48 Datasheet
77Kb / 2P
MICROSPACE PC Systems
MPC40C ADL-MPC40C Datasheet
231Kb / 2P
MICROSPACE Systems
MPCF40 ADL-MPCF40 Datasheet
301Kb / 2P
MICROSPACE System
logo
FSP TECHNOLOGY INC.
FSP100-RAA FSP-FSP100-RAA Datasheet
76Kb / 1P
AIO systems, PC systems, laptops
FSP150-ABBN2 FSP-FSP150-ABBN2 Datasheet
137Kb / 1P
AIO systems, PC systems, Mini-ITX systems
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com