Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ36070HPC30NRS Datasheet(PDF) 1 Page - SynQor Worldwide Headquarters

Part # IQ36070HPC30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPC30NRS Datasheet(HTML) 1 Page - SynQor Worldwide Headquarters

  IQ36070HPC30NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Technical
Specification
IQ36-HPC Family
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 1
The InQor® Half-brick converter series is composed
of
next-generation,
board-mountable,
isolated,
fixed switching frequency dc-dc converters that use
synchronous rectification to achieve extremely high
power conversion efficiency. Each module is supplied
completely encased to provide protection from the
harsh environments seen in many industrial and
transportation applications.
Operational Features
• Highefficiencies,upto92%atfullratedloadcurrent
• Deliversfullpowerwithminimalderating-noheatsinkrequired
• Operatinginputvoltagerange:18-75V
• FixedfrequencyswitchingprovidespredictableEMI
• Nominimumloadrequirement
Protection Features
• Inputunder-voltagelockout
• Inputover-voltageshutdown
• Outputcurrentlimitandshortcircuitprotection
• Activebackbiaslimit
• Outputover-voltageprotection
• Thermalshutdown
Mechanical Features
• IndustrystandardHalf-brickpin-outconfiguration
• Standardsize:2.39"x2.49"x0.512"
(60.6x63.1x13mm)
• Totalweight:5oz(142g)
Control Features
• On/Offcontrolreferencedtoinputside
• Remotesensefortheoutputvoltage
• Outputvoltagetrimrangeof-20%,+10%
Safety Features
• 2250V,30MW input-to-output isolation
• UL/cUL60950-1recognized(US&Canada),basicinsulation
rating
• TUVcertifiedtoEN60950-1
• Meets72/23/EECand93/68/EECdirectiveswhichfacilitates
CEMarkinginuser’sendproduct
• BoardandplasticcomponentsmeetUL94V-0standard
• RoHScompliant(seelastpage)
COntentS
PageNo.
MechanicalDrawing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .2
IQ36-HPCFamilyElectricalCharacteristics . . . . . . . . . . . . . . . . . . . . 3-4
IQ36-HPCFamilyFigures . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .5
IQ36018HPC60(1.8V,60A)CharacteristicsandFigures . . . . . . . . . 6-7
IQ36033HPC50(3.3V,50A)CharacteristicsandFigures . . . . . . . . . 8-9
IQ36050HPC40(5.0V,40A)CharacteristicsandFigures . . . . . . . 10-11
IQ36070HPC30(7.0V,30A)CharacteristicsandFigures . . . . . . . 12-13
IQ36120HPC18(12V,18A)CharacteristicsandFigures. . . . . . . . 12-13
IQ36150HPC14(15V,14A)CharacteristicsandFigures. . . . . . . . 14-15
IQ36240HPC09(24V,9.0A)CharacteristicsandFigures . . . . . . . 16-17
IQ36280HPC7F(28V,7.5A)CharacteristicsandFigures . . . . . . . 18-19
IQ36400HPC5F(40V,5.5A)CharacteristicsandFigures . . . . . . . 20-21
IQ36480HPC4F(48V,4.5A)CharacteristicsandFigures . . . . . . . 22-23
ApplicationNotes. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 24-27
OrderingInformation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28
18-75 V
1.8-48 V
220 W
2250 V dc
Half-brick
Cont. Input
Outputs
Max Power
Isolation
DC-DC Converter


Similar Part No. - IQ36070HPC30NRS

ManufacturerPart #DatasheetDescription
logo
SynQor Worldwide Headqu...
IQ36070HPC30NRS SYNQOR-IQ36070HPC30NRS Datasheet
1Mb / 30P
Half-brick DC-DC Converter
More results

Similar Description - IQ36070HPC30NRS

ManufacturerPart #DatasheetDescription
logo
CUI INC
VHB50W CUI-VHB50W Datasheet
619Kb / 4P
half brick dc-dc converter
VHB200W CUI-VHB200W Datasheet
174Kb / 3P
half brick dc-dc converter
VHB100 CUI-VHB100 Datasheet
1Mb / 4P
Half Brick DC-DC Converter
logo
SynQor Worldwide Headqu...
IQ12-HPX SYNQOR-IQ12-HPX Datasheet
1Mb / 28P
Half-brick DC-DC Converter
PQ55540HTL05 SYNQOR-PQ55540HTL05 Datasheet
610Kb / 13P
Half-brick DC/DC Converter
PQ60050HTA33 SYNQOR-PQ60050HTA33 Datasheet
829Kb / 14P
Half-brick DC/DC Converter
PQ60180HTA09 SYNQOR-PQ60180HTA09 Datasheet
605Kb / 13P
Half-brick DC/DC Converter
logo
CUI INC
VHB75W CUI-VHB75W_11 Datasheet
1Mb / 10P
half-brick dc-dc converter
VHB150W CUI-VHB150W Datasheet
999Kb / 9P
half-brick dc-dc converter
logo
Power Mate Technology C...
HAE150W P-DUKE-HAE150W_14 Datasheet
722Kb / 4P
HALF-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com