Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ36070HPC30NRS Datasheet(PDF) 3 Page - SynQor Worldwide Headquarters

Part # IQ36070HPC30NRS
Description  Half-brick DC-DC Converter
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070HPC30NRS Datasheet(HTML) 3 Page - SynQor Worldwide Headquarters

  IQ36070HPC30NRS Datasheet HTML 1Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 2Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 3Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 4Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 5Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 6Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 7Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 8Page - SynQor Worldwide Headquarters IQ36070HPC30NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
Technical
Specification
IQ36-HPC Family
Product # IQ36xxxHPCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-005024 Rev. A
09/11/08
Page 3
IQ36 FAMILY eLeCtRICAL CHARACteRIStICS (all output voltages)
TA=25°C,airflowrate=300LFM,VIN=36Vdcunlessotherwisenoted;fulloperatingtemperaturerangeis-40°Cto+100°Cambient
temperaturewithappropriatepowerderating.Specificationssubjecttochangewithoutnotice.
Parameter
Min.
typ.
Max.
Units
notes & Conditions
ABSOLUte MAXIMUM RAtInGS
Input Voltage
Non-Operating
80
V
Continuous
Operating
75
V
Continuous
OperatingTransientProtection
-
V
Isolation Voltage
InputtoOutput
2250
Vdc
InputtoBase-Plate
2250
Vdc
OutputtoBase-Plate
2250
Vdc
OperatingTemperature
-40
100
°C
StorageTemperature
-55
125
°C
VoltageatON/OFFinputpin
-2
18
V
InPUt CHARACteRIStICS
OperatingInputVoltageRange
18
36
75
V
InputUnder-VoltageLockout
Turn-OnVoltageThreshold
16.6
17.0
17.4
V
Turn-OffVoltageThreshold
15.0
15.4
15.8
V
LockoutVoltageHysteresis
1.6
V
InputOver-VoltageShutdown
77
80
V
RecommendedExternalInputCapacitance
470
µF
TypicalESR0.1-0.2Ω
Input Filter Component Values (L\C)
1.1\23
µH\µF
Internal values; see Figure E
DYNAMIC CHARACTERISTICS
turn-On transient
Turn-OnTime
10
ms
Fullload,VOUT=90%nom.
Start-UpInhibitTime
200
230
250
ms
-40°Cto+125°C;FigureF
OutputVoltageOvershoot
%
MaximumOutputCapacitance
ISOLATION CHARACTERISTICS
IsolationVoltage(dielectricstrength)
SeeAbsoluteMaximumRatings
IsolationResistance
30
MΩ
IsolationCapacitance(inputtooutput)1
1000
pF
TEMPERATURE LIMITS FOR POWER DERATING CURVES
SemiconductorJunctionTemperature
125
°C
Packageratedto150°C
BoardTemperature
125
°C
ULratedmaxoperatingtemp130°C
Transformer Temperature
125
°C
MaximumBaseplateTemperature,TB
100
°C
FEATURE CHARACTERISTICS
SwitchingFrequency
255
275
295
kHz
Half of this value for the isolation stage
ON/OFFControl
Off-StateVoltage
2.4
1.8
V
On-StateVoltage
-2
0.8
ON/OFFControl
ApplicationnotesFiguresA&B
Pull-UpVoltage
5
V
Pull-UpResistance
50
kΩ
Over-TemperatureShutdownOTPTripPoint
125
°C
AveragePCBTemperature
Over-TemperatureShutdownRestartHysteresis
10
°C
ReLIABILItY CHARACteRIStICS
CalculatedMTBF(Telcordia)TR-NWT-000332
TBD
106 Hrs.
80%load,200LFM,40°CTA
CalculatedMTBF(MIL-217)MIL-HDBK-217F
TBD
106 Hrs.
80%load,200LFM,40°CTA
FieldDemonstratedMTBF
106 Hrs.
Seeourwebsitefordetails
note 1: Higher values of isolation capacitance can be added external to the module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com