Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ36070QTC17NRS Datasheet(PDF) 13 Page - SynQor Worldwide Headquarters

Part # IQ36070QTC17NRS
Description  Quarter-brick DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070QTC17NRS Datasheet(HTML) 13 Page - SynQor Worldwide Headquarters

Back Button IQ36070QTC17NRS Datasheet HTML 9Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 10Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 11Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 12Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 13Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 14Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 15Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 16Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 17Page - SynQor Worldwide Headquarters Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Product # IQ36xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ36QTX Rev. B
09/23/08
Page 13
Technical Specification
Input:
Output:
Current:
Part no.:
18-75 V
7.0 V
17 A
IQ36070QTC17
0
2
4
6
8
10
12
14
16
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
Load Current (A)
18 Vin
36 Vin
75 Vin
60
65
70
75
80
85
90
95
100
0
1
2
3
4
5
6
7
8
9
10
11
12 13
14
15
16
17
Load Current (A)
18 Vin
36 Vin
75 Vin
Figure 1: Efficiency at nominal output voltage vs. load current for
minimum, nominal, and maximum input voltage at 25°C.
Figure 2: Power dissipation at nominal output voltage vs. load current
for minimum, nominal, and maximum input voltage at 25°C.
0
2
4
6
8
10
12
14
16
18
20
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
0
2
4
6
8
10
12
14
16
18
20
0
25
40
55
70
85
Ambient Air Temperature (°C)
400 LFM (2.0 m/s)
300 LFM (1.5 m/s)
200 LFM (1.0 m/s)
100 LFM (0.5 m/s)
Figure 3: Encased converter (without heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 4: Encased converter (with 1/4” heatsink) max. output power derating vs.
ambient air temperature for airflow rates of 100 LFM through 400 LFM. Air flows
across the converter from pin 3 to pin 1 (nominal input voltage).
Figure 5: Output voltage response to step-change in load current (50%-75%-
50% of Iout(max); dI/dt = 0.1 A/µs). Load cap:
1 µF ceramic and 15 µF tantalum
capacitors. Ch 1: Vout (
500 mV/div), Ch 2: Iout (5 A/div).
Figure 6: Output voltage response to step-change in input voltage
(250 V/ms). Load cap: 100 µF, electrolytic output capacitance. Ch 1: Vout
(500 mV/div), Ch 2: Vin (20 V/div).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com