Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQ36070QTC17NRS Datasheet(PDF) 28 Page - SynQor Worldwide Headquarters

Part # IQ36070QTC17NRS
Description  Quarter-brick DC-DC Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNQOR [SynQor Worldwide Headquarters]
Direct Link  http://www.synqor.com
Logo SYNQOR - SynQor Worldwide Headquarters

IQ36070QTC17NRS Datasheet(HTML) 28 Page - SynQor Worldwide Headquarters

Back Button IQ36070QTC17NRS Datasheet HTML 20Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 21Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 22Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 23Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 24Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 25Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 26Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 27Page - SynQor Worldwide Headquarters IQ36070QTC17NRS Datasheet HTML 28Page - SynQor Worldwide Headquarters  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
Technical
Specification
IQ36-QTC Family
Product # IQ36xxxQTCxx
Phone 1-888-567-9596
www.synqor.com
Doc.# 005-IQ36QTX Rev. B
09/23/08
Page 28
PaRT nUMBeRInG SySTeM
The part numbering system for SynQor’s InQor dc-dc
convertersfollowstheformatshownintheexamplebelow.
Thefirst12characterscomprisethebasepartnumberand
the last 3 characters indicate available options.The “-G”
suffixindicates6/6RoHScompliance.
application notes
Avarietyofapplicationnotesandtechnicalwhitepaperscan
bedownloadedinpdfformatfromourwebsite.
RohS Compliance:TheEUledRoHS(RestrictionofHazardous
Substances) Directive bans the use of Lead, Cadmium,
Hexavalent Chromium, Mercury, Polybrominated Biphenyls
(PBB),andPolybrominatedDiphenylEther(PBDE)inElectrical
and Electronic Equipment.This SynQor product is 6/6 RoHS
compliant.For more information please refer to SynQor’s
RoHSaddendumavailableatourRoHSCompliance/LeadFree
Initiativewebpageore-mailusatrohs@synqor.com.
ORDeRInG InFORMaTIOn
Thetablesbelowshowthevalidmodelnumbersandordering
optionsforconvertersinthisproductfamily.Whenordering
SynQorconverters,pleaseensurethatyouusethecomplete
15characterpartnumberconsistingofthe12characterbase
part number and the additional 3 characters for options.
A“-G”suffixindicatestheproductis6/6RoHScompliant.
Thefollowingoptionsmustbeincludedinplaceofthe x y z
spacesinthemodelnumberslistedabove.
Not all combinations make valid part numbers, please contact
SynQor for availability.
PaTenTS
SynQorholdsthefollowingpatents,oneormoreofwhich
mightapplytothisproduct:
5,999,417
6,222,742
6,545,890
6,577,109
6,594,159
6,731,520
6,894,468
6,896,526
6,927,987
7,050,309
7,072,190
7,085,146
7,119,524
7,269,034
7,272,021
7,272,023
Warranty
SynQoroffersathree(3)yearlimitedwarranty.Completewarranty
informationislistedonourwebsiteorisavailableuponrequestfrom
SynQor.
Information furnished by SynQor is believed to be accurate and
reliable.However,noresponsibilityisassumedbySynQorforitsuse,
nor for any infringements of patents or other rights of third parties
whichmayresultfromitsuse.Nolicenseisgrantedbyimplicationor
otherwiseunderanypatentorpatentrightsofSynQor.
Contact SynQor for further information:
Phone:
978-849-0600
TollFree: 888-567-9596
Fax:
978-849-0602
E-mail:
power@synqor.com
Web:
www.synqor.com
Address: 155SwansonRoad
Boxborough,MA01719
USA
Options Description:
x y z
Enable
Logic
Pin Length
Feature Set
N - Negative
R - 0.180"
S - Standard
Model Number
Continuous
Input Voltage
Transient Input
Voltage
Output
Voltage
Maximum
Output Current
IQ36018QTC40
xyz
18 - 75 V
100 V – 100 ms
1.8 V
40 A
IQ36033QTC30
xyz
18 - 75 V
100 V – 100 ms
3.3 V
30 A
IQ36050QTC24
xyz
18 - 75 V
100 V – 100 ms
5 V
24 A
IQ36070QTC17
xyz
18 - 75 V
100 V – 100 ms
7 V
17 A
IQ36120QTC10
xyz
18 - 75 V
100 V – 100 ms
12 V
10 A
IQ36150QTC08
xyz
18 - 75 V
100 V – 100 ms
15 V
8 A
IQ36240QTC05
xyz
18 - 75 V
100 V – 100 ms
24 V
5 A
IQ36300QTC04
xyz
18 - 75 V
100 V – 100 ms
30 V
4 A
IQ36480QTC2F
xyz
18 - 75 V
100 V – 100 ms
48 V
2.5 A
IQ 36 018 Q T C 40 n R S - G
ProductFamily
PackageSize
PerformanceLevel
ThermalDesign(seeOrderingInfo)
OutputCurrent
6/6RoHS
Options(see
OrderingInformation)
InputVoltage
OutputVoltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com