Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC556 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556
Description  DUAL LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC556 Datasheet(HTML) 3 Page - Texas Instruments

  TLC556 Datasheet HTML 1Page - Texas Instruments TLC556 Datasheet HTML 2Page - Texas Instruments TLC556 Datasheet HTML 3Page - Texas Instruments TLC556 Datasheet HTML 4Page - Texas Instruments TLC556 Datasheet HTML 5Page - Texas Instruments TLC556 Datasheet HTML 6Page - Texas Instruments TLC556 Datasheet HTML 7Page - Texas Instruments TLC556 Datasheet HTML 8Page - Texas Instruments TLC556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLC556Y chip information
These chips, properly assembled, display characteristics similar to the TLC556 (see electrical table). Thermal
compression or ultrasonic bonding may be used on the doped aluminum bonding pads. Chips may be mounted
with conductive epoxy or a gold-silicon preform.
OUT
DISCH
R1
R
S
1
RESET
CONT
VDD
THRESH
R
R
R
GND
TRIG
(3)
(5)
(1)
BONDING PAD ASSIGNMENTS
CHIP THICKNESS: 15 TYPICAL
BONDING PADS: 4
× 4 MINIMUM
TJ max = 150°C
TOLERANCES ARE
±10%
ALL DIMENSIONS ARE IN MILS
NO BACKSIDE METALLIZATION
PIN (7) INTERNALLY CONNECTED
TO BACKSIDE OF CHIP
FUNCTIONAL BLOCK DIAGRAM (EACH TIMER)
(4)
(14)
(2)
(6)
(7)
61
97



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com