Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC556 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TLC556
Description  DUAL LinCMOSE TIMERS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC556 Datasheet(HTML) 4 Page - Texas Instruments

  TLC556 Datasheet HTML 1Page - Texas Instruments TLC556 Datasheet HTML 2Page - Texas Instruments TLC556 Datasheet HTML 3Page - Texas Instruments TLC556 Datasheet HTML 4Page - Texas Instruments TLC556 Datasheet HTML 5Page - Texas Instruments TLC556 Datasheet HTML 6Page - Texas Instruments TLC556 Datasheet HTML 7Page - Texas Instruments TLC556 Datasheet HTML 8Page - Texas Instruments TLC556 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TLC556, TLC556Y
DUAL LinCMOS
™ TIMERS
SLFS047B – FEBRUARY 1984 – REVISED SEPTEMBER 1997
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
TLC556C
TLC556I
TLC556M
UNIT
Supply voltage, VDD (see Note 1)
18
18
18
V
Input voltage range, VI
– 0.3 to VDD
– 0.3 to VDD
– 0.3 to VDD
V
Sink current, discharge or output
150
150
150
mA
Source current, output
15
15
15
mA
Continuous total power dissipation
See Dissipation Rating Table
Operating free-air temperature range
0 to 70
– 40 to 85
– 55 to 125
°C
Storage temperature range
– 65 to 150
– 65 to 150
– 65 to 150
°C
Case temperature for 60 seconds
FK package
260
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds
J package
300
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
D or N package
260
260
NOTE 1: All voltage values are with respect to network ground terminal.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
D
FK
J
N
950 mW
1375 mW
1375 mW
1150 mW
7.6 mW/
°C
11.0 mW/
°C
11.0 mW/
°C
9.2 mW/
°C
608 mW
880 mW
880 mW
736 mW
494 mW
715 mW
715 mW
598 mW
N/A
275 mW
275 mW
N/A
recommended operating conditions
MIN
MAX
UNIT
Supply voltage, VDD
2
15
V
TLC556C
0
70
Operating free-air temperature range, TA
TLC556I
–40
85
°C
TLC556M
–55
125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com