| Electronic Components Datasheet Search |
|
TLC5902HTQFP Datasheet(PDF) 7 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLC5902HTQFP Datasheet(HTML) 7 Page - Texas Instruments |
|
7 / 22 page ![]() TLC5902 LED DRIVER SLLS382 – DECEMBER 1999 7 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 Function Tables Truth Table (Data) BC_ENA ENABLE DCLK RSEL LATCH MODE DOUT0 – DOUT7 OPERATION/FUNCTION L X X X X X No change Data latch for brightness control is set to 1Fh. X H X X X X No change Data transfer for gray scale and brightness control does not occur. X L ↑ H X X Shift register for brightness control Data of DIN0 to DIN7 is clocked into the shift register for brightness control. X L ↑ L X H Data for shift register before 16 bytes (written before 16 times) Data of DIN0 to DIN7 is clocked into the first byte of the shift register for gray scale data. X L ↑ L X L Shift register for gray scale before 8 bytes (written before 8 times) Data of DIN0 to DIN7 is clocked into the first byte of the shift register for gray scale data. H X X H H X No change Shift register for brightness control goes through data latch for brightness control. X X X L H X No change Shift register for gray scale goes through data latch for gray scale. H X X X L X No change The value for the shift register selected by RSEL is latched. Truth Table (Display/Protection) BLANK GSCLK MODE WDT WD_CAP TS_ENA OUT0~15 DOWN OPERATION/ FUNCTION H X X X X X Off Hi–Z L ↓ H X X X 16 bits operation mode. The output is turned on if all the gray scale data is not zero on the falling edge of GCLK after the next rising edge of GCLK when BLANK goes from high to low. Each output turns off on the falling edge of GSCLK, corresponding to each gray scale data. Hi–Z L ↓ L X X X 8 bits operation mode. The output is turned on if all the gray scale data is not zero on the falling edge of GCLK after the next rising edge of GCLK when BLANK goes from high to low. Each output turns off on the falling edge of GSCLK corresponding to each gray scale data. Hi–Z L X X CLK capacitor X Turn off if the level of WDT is not changed within time set by capacitor connected to WD_CAP. L Recover when the level of WDT changes. L X X CLK L X WDT function is disabled. Hi–Z L X X CLK H X WDT function is disabled. Hi–Z L X X X X H Turn off if junction temperature exceeds the limit. L Set TS_ENA to low for recovery |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |