Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5902HTQFP Datasheet(PDF) 14 Page - Texas Instruments

Part # TLC5902HTQFP
Description  LED DRIVER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5902HTQFP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TLC5902HTQFP Datasheet HTML 10Page - Texas Instruments TLC5902HTQFP Datasheet HTML 11Page - Texas Instruments TLC5902HTQFP Datasheet HTML 12Page - Texas Instruments TLC5902HTQFP Datasheet HTML 13Page - Texas Instruments TLC5902HTQFP Datasheet HTML 14Page - Texas Instruments TLC5902HTQFP Datasheet HTML 15Page - Texas Instruments TLC5902HTQFP Datasheet HTML 16Page - Texas Instruments TLC5902HTQFP Datasheet HTML 17Page - Texas Instruments TLC5902HTQFP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
TLC5902
LED DRIVER
SLLS382 – DECEMBER 1999
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
frequency division ratio setting for GSCLK(clock for gray scale) – panel brightness adjustment
By using the upper 3 bits of the brightness control latch, GSCLK can be divided into 1/1 to 1/8. If GSCLK is set
to 8 times the speed (256
× 8 = 2048) of the frequency during the horizontal scanning time, the brightness can
be adjusted to 8 steps by selecting the frequency division ratio. Thus, the total panel brightness can be adjusted
at once and applied to the brightness of day or night. When BC_ENA is pulled low, GSCLK is not divided. When
BC_ENA is pulled high, the brightness can be adjusted as shown in the following table.
CODE
FREQUENCY DIVISION RATIO
RELATIVE BRIGHTNESS RATIO
(%)
MSB 000 LSB†
1/1
12.5
001
1/2
25.0
010
1/3
37.5
011
1/4
50.0
100
1/5
62.5
101
1/6
75.0
110
1/7
87.5
111
1/8
100
† BC_ENA is low.
constant output current operation
The constant current output turns on (sink constant current) if all the gray-scale data latched into the gray-scale
latch is not zero on the falling edge of GCLK, after the next rising edge of GCLK when BLANK goes from high
to low. After that, the number of the falling edge is counted by the 8-bit gray scale counter. Output counted that
corresponds to gray-scale data is turned off (stop to sink constant current). If the shift register for gray scale is
updated during LATCH high, data on the gray-scale data latch is also updated, affecting the number of gray
scale of constant current output. Accordingly, during the on state of constant current output, LATCH is kept to
low and the gray-scale data latch is held. When unconnected constant current output terminals exist, operation
is complete after writing zero (data for LED turn off) to the corresponding gray-scale data latch. If this action is
not completed, the supply current (IPVCC) in the constant current driver portion increases.
protection
This device incorporates WDT and TSD functions. In WDT or TSD functions, the current output is stopped (Logic
portion is still operating). By monitoring the DOWN terminal, these failures are detected immediately. Since
DOWN output is configured as an open collector, outputs of multiple ICs are brought together.
WDT
When the scan signal is stopped during a fixed period in dynamic scanning operation, the constant current
output is turned off, preventing the LED from burning damage. The time detected can be set using the external
capacitor (C1). The typical value is approximately 3 ms without a capacitor, 33 ms with a 1000 pF capacitor,
and 300 ms with a 0.01
µF capacitor. Once the scan signal is applied again, the abnormal status is released
and normal operation is resumed. During static operation, the WDT function is disabled, connecting WD_CAP
to GND. The scan signal should be applied to the WDT terminal even though the WDT function is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com