Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC072CDGNG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC072CDGNG4
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC072CDGNG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC072CDGNG4 Datasheet HTML 4Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 5Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 6Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 7Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 8Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 9Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 10Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 11Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 48 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
8
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC070/1/2/3,
25
°C
390
1900
VIO
Input offset voltage
VDD = 12 V
TLC070/1/2/3,
TLC074/5
Full range
3000
V
VIO
Input offset voltage
VDD = 12 V
VIC = 6 V,
TLC070/1/2/3A,
25
°C
390
1400
µV
VIC = 6 V,
VO = 6 V,
RS = 50 Ω
TLC070/1/2/3A,
TLC074/5A
Full range
2000
VIO
Temperature coefficient of input
O
RS = 50 Ω
1.2
V/
°C
αVIO
Temperature coefficient of input
offset voltage
1.2
µV/°C
25
°C
0.7
50
IIO
Input offset current
VDD = 12 V
TLC07xC
Full range
100
pA
IIO
Input offset current
VDD = 12 V
VIC = 6 V,
TLC07xI
Full range
700
pA
VIC = 6 V,
VO = 6 V,
R
= 50
Ω
25
°C
1.5
50
IIB
Input bias current
VO = 6 V,
RS = 50 Ω
TLC07xC
Full range
100
pA
IIB
Input bias current
TLC07xI
Full range
700
pA
VICR
Common-mode input voltage
RS = 50 Ω
25
°C
0.5
to
11.2
V
VICR
Common-mode input voltage
RS = 50 Ω
Full range
0.5
to
11.2
V
IOH = − 1 mA
25
°C
11.1
11.2
IOH = − 1 mA
Full range
11
IOH = − 20 mA
25
°C
10.8
10.9
IOH = − 20 mA
Full range
10.7
VOH
High-level output voltage
VIC = 6 V
IOH = − 35 mA
25
°C
10.6
10.7
V
VOH
High-level output voltage
VIC = 6 V
IOH = − 35 mA
Full range
10.3
V
25
°C
10.4
10.5
IOH = − 50 mA
−40
°C to
85
°C
10.3
IOL = 1 mA
25
°C
0.17
0.25
IOL = 1 mA
Full range
0.35
IOL = 20 mA
25
°C
0.35
0.45
IOL = 20 mA
Full range
0.5
VOL
Low-level output voltage
VIC = 6 V
IOL = 35 mA
25
°C
0.4
0.52
V
VOL
Low-level output voltage
VIC = 6 V
IOL = 35 mA
Full range
0.6
V
25
°C
0.45
0.6
IOL = 50 mA
−40
°C to
85
°C
0.65
IOS
Short-circuit output current
Sourcing
25
°C
150
mA
IOS
Short-circuit output current
Sinking
25
°C
150
mA
IO
Output current
VOH = 1.5 V from positive rail
25
°C
57
mA
IO
Output current
VOL = 0.5 V from negative rail
25
°C
55
mA
† Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com