Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC072CDGNG4 Datasheet(PDF) 23 Page - Texas Instruments

Part # TLC072CDGNG4
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC072CDGNG4 Datasheet(HTML) 23 Page - Texas Instruments

Back Button TLC072CDGNG4 Datasheet HTML 19Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 20Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 21Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 22Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 23Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 24Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 25Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 26Page - Texas Instruments TLC072CDGNG4 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 48 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDEBANDWIDTH HIGHOUTPUT DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219E − JUNE 1999 − REVISED SEPTEMBER 2006
23
WWW.TI.COM
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
APPLICATION INFORMATION
Although there are many ways to properly heatsink the PowerPAD package, the following steps illustrate the
recommended approach.
general PowerPAD design considerations (continued)
1.
The thermal pad must be connected to the same voltage potential as the GND pin.
2.
Prepare the PCB with a top side etch pattern as illustrated in the thermal land pattern mechanical drawing
at the end of this document. There should be etch for the leads as well as etch for the thermal pad.
3.
Place five holes (single and dual) or nine holes (quad) in the area of the thermal pad. These holes should
be 13 mils in diameter. Keep them small so that solder wicking through the holes is not a problem during
reflow.
4.
Additional vias may be placed anywhere along the thermal plane outside of the thermal pad area. This helps
dissipate the heat generated by the TLC07x IC. These additional vias may be larger than the 13-mil
diameter vias directly under the thermal pad. They can be larger because they are not in the thermal pad
area to be soldered so that wicking is not a problem.
5.
Connect all holes to the internal ground plane that is the same potential as the device GND pin.
6.
When connecting these holes to the ground plane, do not use the typical web or spoke via connection
methodology. Web connections have a high thermal resistance connection that is useful for slowing the heat
transfer during soldering operations. This makes the soldering of vias that have plane connections easier.
In this application, however, low thermal resistance is desired for the most efficient heat transfer. Therefore,
the holes under the TLC07x PowerPAD package should make their connection to the internal ground plane
with a complete connection around the entire circumference of the plated-through hole.
7.
The top-side solder mask should leave the terminals of the package and the thermal pad area with its five
holes (dual) or nine holes (quad) exposed. The bottom-side solder mask should cover the five or nine holes
of the thermal pad area. This prevents solder from being pulled away from the thermal pad area during the
reflow process.
8.
Apply solder paste to the exposed thermal pad area and all of the IC terminals.
9.
With these preparatory steps in place, the TLC07x IC is simply placed in position and run through the solder
reflow operation as any standard surface-mount component. This results in a part that is properly installed.
For a given
θJA, the maximum power dissipation is shown in Figure 54 and is calculated by the following formula:
P
D +
T
MAX
–T
A
q
JA
Where:
PD
= Maximum power dissipation of TLC07x IC (watts)
TMAX = Absolute maximum junction temperature (150°C)
TA
= Free-ambient air temperature (
°C)
θJA = θJC + θCA
θJC = Thermal coefficient from junction to case
θCA = Thermal coefficient from case to ambient air (°C/W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com