Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021CDBLE Datasheet(PDF) 43 Page - Texas Instruments

Part # TLE2021CDBLE
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021CDBLE Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLE2021CDBLE Datasheet HTML 39Page - Texas Instruments TLE2021CDBLE Datasheet HTML 40Page - Texas Instruments TLE2021CDBLE Datasheet HTML 41Page - Texas Instruments TLE2021CDBLE Datasheet HTML 42Page - Texas Instruments TLE2021CDBLE Datasheet HTML 43Page - Texas Instruments TLE2021CDBLE Datasheet HTML 44Page - Texas Instruments TLE2021CDBLE Datasheet HTML 45Page - Texas Instruments TLE2021CDBLE Datasheet HTML 46Page - Texas Instruments TLE2021CDBLE Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 66 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191 – FEBRUARY 1997
43
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 27
RL = 10 kΩ
VCC = 5 V
6
4
2
100
75
50
25
0
–25
–50
0
125
10
TA – Free-Air Temperature – °C
–75
VCC
± = ±15 V
8
TLE2021
LARGE-SCALE DIFFERENTIAL VOLTAGE
AMPLIFICATION
vs
FREE–AIR TEMPERATURE
Figure 28
–75
TA – Free-Air Temperature – °C
125
0
–50
–25
0
25
50
75
100
1
VCC = 5 V
VCC
± = ±15 V
RL = 10 kΩ
2
3
4
5
6
TLE2022
LARGE-SIGNAL DIFFERENTIAL VOLTAGE
AMPLIFICATION
vs
FREE-AIR TEMPERATURE
Figure 29
VCC
± = ±5 V
6
4
2
100
75
50
25
0
–25
–50
0
125
10
TA – Free-Air Temperature – °C
–75
VCC
± = ±15 V
RL = 10 kΩ
8
TLE2024
LARGE-SCALE DIFFERENTIAL VOLTAGE
AMPLIFICATION
vs
FREE-AIR TEMPERATURE
Figure 30
VID = 100 mV
TA = 25°C
VID = –100 mV
VO = 0
8
6
4
2
0
–2
–4
–6
–8
14
12
10
8
6
4
2
–10
16
10
|VCC
±| – Supply Voltage – V
0
TLE2021
SHORT-CIRCUIT OUTPUT CURRENT
vs
SUPPLY VOLTAGE
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com