Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2021CDBLE Datasheet(PDF) 47 Page - Texas Instruments

Part # TLE2021CDBLE
Description  EXCALIBUR HIGH-SPEED LOW-POWER PRECISION OPERATIONAL AMPLIFIERS
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2021CDBLE Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLE2021CDBLE Datasheet HTML 43Page - Texas Instruments TLE2021CDBLE Datasheet HTML 44Page - Texas Instruments TLE2021CDBLE Datasheet HTML 45Page - Texas Instruments TLE2021CDBLE Datasheet HTML 46Page - Texas Instruments TLE2021CDBLE Datasheet HTML 47Page - Texas Instruments TLE2021CDBLE Datasheet HTML 48Page - Texas Instruments TLE2021CDBLE Datasheet HTML 49Page - Texas Instruments TLE2021CDBLE Datasheet HTML 50Page - Texas Instruments TLE2021CDBLE Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 66 page
background image
TLE202x, TLE202xA, TLE202xB, TLE202xY
EXCALIBUR HIGH-SPEED LOW-POWER PRECISION
OPERATIONAL AMPLIFIERS
SLOS191 – FEBRUARY 1997
47
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 43
– 75
125
– 50
– 25
0
25
50
75
100
TA – Free-Air Temperature – °C
1000
0
800
600
400
200
VCC
± = ±15 V
VCC
± = ±2.5 V
VO = 0
No Load
TLE2024
SUPPLY CURRENT
vs
FREE-AIR TEMPERATURE
Figure 44
TA = 25°C
VCC = 5 V
VCC
± = ±15 V
100
80
60
40
20
1 M
100 k
10 k
1 k
100
0
10 M
120
f – Frequency – Hz
10
TLE2021
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 45
10
f – Frequency – Hz
120
10 M
0
100
1 k
10 k
100 k
1 M
20
40
60
80
100
VCC
± = ±15 V
VCC = 5 V
TA = 25°C
TLE2022
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
Figure 46
10
f – Frequency – Hz
120
10 M
0
100
1 k
10 k
100 k
1 M
20
40
60
80
100
VCC = 5 V
TA = 25°C
VCC
± = ±15 V
TLE2024
COMMON-MODE REJECTION RATIO
vs
FREQUENCY
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com