Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC618 Datasheet(PDF) 1 Page - Motorola, Inc

Part # BC618
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC618 Datasheet(HTML) 1 Page - Motorola, Inc

  BC618 Datasheet HTML 1Page - Motorola, Inc BC618 Datasheet HTML 2Page - Motorola, Inc BC618 Datasheet HTML 3Page - Motorola, Inc BC618 Datasheet HTML 4Page - Motorola, Inc BC618 Datasheet HTML 5Page - Motorola, Inc BC618 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
Darlington Transistors
NPN Silicon
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Collector – Emitter Voltage
VCEO
55
Vdc
Collector – Base Voltage
VCBO
80
Vdc
Emitter – Base Voltage
VEBO
12
Vdc
Collector Current — Continuous
IC
1.0
Adc
Total Device Dissipation @ TA = 25°C
Derate above 25
°C
PD
625
5.0
mW
mW/
°C
Total Device Dissipation @ TC = 25°C
Derate above 25
°C
PD
1.5
12
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to +150
°C
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Thermal Resistance, Junction to
Ambient
RqJA
200
°C/W
Thermal Resistance, Junction to Case
RqJC
83.3
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector – Emitter Breakdown Voltage
(IC = 10 mAdc, VBE = 0)
V(BR)CEO
55
—
—
Vdc
Collector – Base Breakdown Voltage
(IC = 100 mAdc, IE = 0)
V(BR)CBO
80
—
—
Vdc
Emitter – Base Breakdown Voltage
(IE = 10 mAdc, IC = 0)
V(BR)EBO
12
—
—
Vdc
Collector Cutoff Current
(VCE = 60 Vdc, VBE = 0)
ICES
—
—
50
nAdc
Collector Cutoff Current
(VCB = 60 Vdc, IE = 0)
ICBO
—
—
50
nAdc
Emitter Cutoff Current
(VEB = 10 Vdc, IC = 0)
IEBO
—
—
50
nAdc
Order this document
by BC618/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
BC618
CASE 29–04, STYLE 17
TO–92 (TO–226AA)
1
2
3
© Motorola, Inc. 1996
COLLECTOR 1
BASE
2
EMITTER 3


Similar Part No. - BC618

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
150Kb / 6P
Darlington Transistors(NPN Silicon)
1996
logo
NXP Semiconductors
BC618 PHILIPS-BC618 Datasheet
44Kb / 7P
NPN Darlington transistor
2004 Nov 05
logo
Siemens Semiconductor G...
BC618 SIEMENS-BC618 Datasheet
142Kb / 5P
NPN Silicon Darlington Transistors (High current gain High collector current)
logo
NXP Semiconductors
BC618 PHILIPS-BC618 Datasheet
54Kb / 7P
NPN Darlington transistor
2004 Nov 05
logo
ON Semiconductor
BC618 ONSEMI-BC618 Datasheet
71Kb / 6P
Darlington Transistors NPN Silicon
January, 2006 ??Rev. 3
More results

Similar Description - BC618

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
2N6426 ONSEMI-2N6426 Datasheet
111Kb / 8P
Darlington Transistors
February, 2001 ??Rev.1
MPSA28 ONSEMI-MPSA28 Datasheet
72Kb / 4P
Darlington Transistors
March, 2001 ??Rev. 1
logo
List of Unclassifed Man...
TIP120 ETC2-TIP120 Datasheet
403Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G_09 Datasheet
131Kb / 4P
Darlington Transistors
August, 2009 ??Rev. 4
BC517 ONSEMI-BC517_07 Datasheet
82Kb / 6P
Darlington Transistors
March, 2007 ??Rev. 4
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
Darlington Transistors
October, 2016 ??Rev. 6
logo
Leshan Radio Company
LMBTA64LT1G LRC-LMBTA64LT1G Datasheet
131Kb / 3P
Darlington Transistors
logo
First Silicon Co., Ltd
MMBT6427 FS-MMBT6427 Datasheet
283Kb / 6P
Darlington Transistors
MMBTA64 FS-MMBTA64 Datasheet
244Kb / 3P
Darlington Transistors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com