Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC618 Datasheet(PDF) 3 Page - Motorola, Inc

Part # BC618
Description  Darlington Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BC618 Datasheet(HTML) 3 Page - Motorola, Inc

  BC618 Datasheet HTML 1Page - Motorola, Inc BC618 Datasheet HTML 2Page - Motorola, Inc BC618 Datasheet HTML 3Page - Motorola, Inc BC618 Datasheet HTML 4Page - Motorola, Inc BC618 Datasheet HTML 5Page - Motorola, Inc BC618 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BC618
3
Motorola Small–Signal Transistors, FETs and Diodes Device Data
NOISE CHARACTERISTICS
(VCE = 5.0 Vdc, TA = 25°C)
Figure 2. Noise Voltage
f, FREQUENCY (Hz)
50
100
200
500
20
Figure 3. Noise Current
f, FREQUENCY (Hz)
Figure 4. Total Wideband Noise Voltage
RS, SOURCE RESISTANCE (kΩ)
Figure 5. Wideband Noise Figure
RS, SOURCE RESISTANCE (kΩ)
5.0
50
70
100
200
30
10
20
1.0
10
10
20
50 100 200
500
1 k 2 k
5 k 10 k 20 k
50 k 100 k
2.0
1.0
0.7
0.5
0.3
0.2
0.1
0.07
0.05
0.03
0.02
BANDWIDTH = 1.0 Hz
RS ≈ 0
IC = 1.0 mA
100
µA
10
µA
BANDWIDTH = 1.0 Hz
IC = 1.0 mA
100
µA
10
µA
2.0
5.0
10
20
50
100
200
500
100
0
BANDWIDTH = 10 Hz TO 15.7 kHz
IC = 10 µA
100
µA
1.0 mA
8.0
10
12
14
6.0
0
4.0
1.0
2.0
5.0
10
20
50
100
200
500
100
0
2.0
BANDWIDTH = 10 Hz TO 15.7 kHz
10
µA
100
µA
IC = 1.0 mA
10
20
50 100 200
500
1 k 2 k
5 k 10 k 20 k
50 k 100 k



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com