Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2082AMJG Datasheet(PDF) 43 Page - Texas Instruments

Part # TLE2082AMJG
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082AMJG Datasheet(HTML) 43 Page - Texas Instruments

Back Button TLE2082AMJG Datasheet HTML 39Page - Texas Instruments TLE2082AMJG Datasheet HTML 40Page - Texas Instruments TLE2082AMJG Datasheet HTML 41Page - Texas Instruments TLE2082AMJG Datasheet HTML 42Page - Texas Instruments TLE2082AMJG Datasheet HTML 43Page - Texas Instruments TLE2082AMJG Datasheet HTML 44Page - Texas Instruments TLE2082AMJG Datasheet HTML 45Page - Texas Instruments TLE2082AMJG Datasheet HTML 46Page - Texas Instruments TLE2082AMJG Datasheet HTML 47Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
43
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
VIO – Input Offset Voltage – mV
25
20
10
5
0
45
15
– 8
– 4.8
– 1.6
1.6
35
30
40
DISTRIBUTION OF TLE2084
INPUT OFFSET VOLTAGE
50
4.8
8
VIO
TA = 25°C
N Package
VCC
± = ±15 V
Figure 9
15
12
6
3
0
27
9
– 40 – 32 – 24 –16 – 8
0
8
21
18
24
DISTRIBUTION OF TLE2081 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
30
16
24
32
40
VCC = ± 15 V
TA = – 55 °C to 125°C
P Package
αVIO – Temperature Coefficient – µV/°C
Figure 10
15
12
6
3
0
27
9
– 30 – 24 –18 –12 – 6
0
6
21
18
24
DISTRIBUTION OF TLE2082 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
30
12
18
24
30
310 Amplifiers
VCC = ± 15 V
TA = – 55°C to 125°C
αVIO – Temperature Coefficient – µV/°C
P Package
Figure 11
15
12
6
3
0
27
9
– 40 – 32 – 24 –16 – 8
0
8
21
18
24
DISTRIBUTION OF TLE2084 INPUT OFFSET
VOLTAGE TEMPERATURE COEFFICIENT
30
16
24
32
40
VCC
± = ±15 V
TA = – 55°C to 125°C
N Package
αVIO – Temperature Coefficient – µV/°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com