Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2082AMJG Datasheet(PDF) 48 Page - Texas Instruments

Part # TLE2082AMJG
Description  EXCALIBUR HIGH-SPEED JFET-INPUT OPERATIONAL AMPLIFIERS
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2082AMJG Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLE2082AMJG Datasheet HTML 44Page - Texas Instruments TLE2082AMJG Datasheet HTML 45Page - Texas Instruments TLE2082AMJG Datasheet HTML 46Page - Texas Instruments TLE2082AMJG Datasheet HTML 47Page - Texas Instruments TLE2082AMJG Datasheet HTML 48Page - Texas Instruments TLE2082AMJG Datasheet HTML 49Page - Texas Instruments TLE2082AMJG Datasheet HTML 50Page - Texas Instruments TLE2082AMJG Datasheet HTML 51Page - Texas Instruments TLE2082AMJG Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 69 page
background image
TLE208x, TLE208xA, TLE208xY
EXCALIBUR HIGH-SPEED JFET-INPUT
OPERATIONAL AMPLIFIERS
SLOS182A – FEBRUARY 1997 – REVISED MARCH 2000
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS†
Figure 28
0
0.5
1
1.5
2
OUTPUT VOLTAGE
vs
SETTLING TIME
VCC
± = ±15 V
RL = 1 kΩ
CL = 100 pF
AV = – 1
TA = 25°C
1 mV
1 mV
Rising
Falling
10 mV
10 mV
– 2.5
– 10
– 12.5
10
12.5
– 5
7.5
2.5
– 7.5
5
0
ts – Settling Time – µs
Figure 29
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
LOAD RESISTANCE
115
110
100
95
90
125
105
0.1
1
10
100
120
VCC
± = ±15 V
VIC = 0
RS = 50 Ω
TA = 25°C
RL – Load Resistance – kΩ
VCC
± = ±5 V
Figure 30
TA – Free-Air Temperature – °C
95
92
86
83
80
107
89
– 75 – 55 – 35 –15
5
25
45
101
98
104
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
110
65
85
105 125
RL = 10 kΩ
RL = 2 kΩ
VCC
± = ±5 V
RL = 600 Ω
VO = ± 2.3 V
Figure 31
125
105
–15
– 35
– 55
105
101
93
89
85
121
97
113
109
117
125
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION
vs
FREE-AIR TEMPERATURE
RL = 10 kΩ
– 75
5
25
45
65
85
TA – Free-Air Temperature – °C
RL = 600 Ω
RL = 2 kΩ
VCC
± = ±15 V
VO = ± 10 V
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com