Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2000-3 Datasheet(PDF) 1 Page - Emerson Network Power

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2000-3 Datasheet(HTML) 1 Page - Emerson Network Power

  DS2000-3 Datasheet HTML 1Page - Emerson Network Power DS2000-3 Datasheet HTML 2Page - Emerson Network Power DS2000-3 Datasheet HTML 3Page - Emerson Network Power DS2000-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. 5.01.09_52
DS2000-3
1 of 4
Embedded Power for
Business-Critical Continuity
DS2000-3
2000 Watts 12 V
Distributed Power System
Special Features
•Activepowerfactorcorrection
•EN61000-3-2harmoniccompliance
•ActiveACinrushcontrol
•1UX3Uformfactor
•26.14W/in3
•+12Vdcoutput
•+3.3VdcStand-By
(5 V standby - consult factory)
•Nominimumloadrequired
•Hotplugoperation
•N+1redundant
•InternalOR’ingfets
•Activecurrentsharing
(10 - 100% load)
•Built-incoolingfans
(40mmx28mm)
•I2C communication interface bus
•PMBuscompliant
•EERPOMforFRUdata
•Red/Greenbi-colorLEDstatus
•Internalfanspeedcontrol
•INTEL,SSIStd.logictiming
•INTEL,SSIStd.FRUdataformat
•Oneyearwarranty
Distributed Power Bulk Front-End
Total Output Power: 2000 Watts
+12 Vdc main Output
+3.3 Vdc Stand-by Output
Wide Range Input voltage: 90 - 264 Vac
Electrical Specifications
Safety
Input
Inputrange
90-264Vac(widerange)
90-2641200Wload,nominal100Vac
180-2642000Wload,nominal200Vac
Frequency
47-63Hz,singlephaseAC
Inrushcurrent
55Amaximuminrushcurrent
Efficiency
>89%typicalatfullload,highline
ConductedEMI
FCCSubpartJEN55022ClassB
RadiatedEMI
FCCSubpartJEN55022ClassB
Power factor
0.99typical
Leakagecurrent
1.40mA@240Vac
Holduptime
12 ms minimum
Output
MainDCvoltage
+12V@164.2A 180-264Vac
+12V@100A
90-264Vac
Stand-By
+3.3Vsb@9A(5V@5ATBA)
Adjustmentrange
FactorySet,nopotadjustments
Regulation
+12Vdc;±5%
+3.3Vsb;±5%
Overcurrent
+12Vdc;latchesoffifovercurrentlastsover1second,
otherwiseitisautorecovery(Seeorderinginfonextpage)+3.3
Vsb,9Amax(sameas+12Vdc)
Overvoltage
+12Vdc;13.2-14.4Vdc
+3.3Vsb;3.76-4.30Vdc
Undervoltage
+12Vdc;9-10.8V(latchoff)
Turn-ondelay
2Secondmax,5-300ms,MonotonicRise
+12VOutputRiseTime
5-50ms,MonotonicRise
UL/cUL60950(ULRecognized)
NEMKO+CBReportEN60950
EN60950
CEMark
ChinaCCC
•
•
•
•
•


Similar Part No. - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
1Mb / 4P
Active power factor correction
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS2000-3 ARTESYN-DS2000-3 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Emerson Network Power
DS2000-3-001 EMERSON-NETWORKPOWER-DS2000-3-001 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS2000-3-001 ARTESYN-DS2000-3-001 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
More results

Similar Description - DS2000-3

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
DS1200 EMERSON-NETWORKPOWER-DS1200_09 Datasheet
472Kb / 4P
1200 Watts Distributed Power System
DS2900 EMERSON-NETWORKPOWER-DS2900 Datasheet
405Kb / 4P
2900 Watts Distributed Power System
DS2000-3 EMERSON-NETWORKPOWER-DS2000-3_11 Datasheet
761Kb / 4P
2000 Watts 12 V Distributed Power System
logo
Artesyn Technologies
DS1100SLPE ARTESYN-DS1100SLPE Datasheet
700Kb / 7P
1100 Watts Distributed Power System
DS750PED ARTESYN-DS750PED Datasheet
701Kb / 7P
750 Watts Distributed Power System
DS500SPE-3 ARTESYN-DS500SPE-3 Datasheet
704Kb / 7P
500 Watts Distributed Power System
DS2900 ARTESYN-DS2900 Datasheet
1Mb / 7P
2900 Watts Distributed Power System
DS2000-3 ARTESYN-DS2000-3 Datasheet
838Kb / 4P
2000 Watts 12 V Distributed Power System
DS1600SPE ARTESYN-DS1600SPE Datasheet
791Kb / 8P
1600 Watts Distributed Power System
DS1100SLPE-3-001 ARTESYN-DS1100SLPE-3-001 Datasheet
700Kb / 7P
1100 Watts Distributed Power System
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com