Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2000-3 Datasheet(PDF) 2 Page - Emerson Network Power

Part # DS2000-3
Description  2000 Watts 12 V Distributed Power System
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMERSON-NETWORKPOWER [Emerson Network Power]
Direct Link  http://www.emersonnetworkpower.com
Logo EMERSON-NETWORKPOWER - Emerson Network Power

DS2000-3 Datasheet(HTML) 2 Page - Emerson Network Power

  DS2000-3 Datasheet HTML 1Page - Emerson Network Power DS2000-3 Datasheet HTML 2Page - Emerson Network Power DS2000-3 Datasheet HTML 3Page - Emerson Network Power DS2000-3 Datasheet HTML 4Page - Emerson Network Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. 5.01.09_52
DS2000-3
2 of 4
Embedded Power for
Business-Critical Continuity
OrderingInformation
Output
NominalOutput
VoltageSetPoint
Set Point
Tolerance
Total
Regulation
Minimum
Current
Maximum
Current
OutputRipple
P/P
OverCurrent
DS2000-3
12.0Vdc
3.3Vsb
±0.2%
±1%
±5%
±5%
0A
0A
164.2A
7.0A
120 mV
60mV
120-130%ofnominal
100 - 125% of nominal
*Overcurrentlatchesoffifovercurrentlastsover1second,otherwiseitisautorecovery.
*For5Vsb,consultmarketing.
LogicControl
PS_SEATED
TTLlogicLOWifpowersupplyisseatedintosystemconnector.Thisis
ashortpin.AlogicHIGHifthePSUisremoved
PWRGOOD
ActiveTTLLOWwhenoutputiswithinregulationlimits.
ACOK
ALOWlogicleveliftheinputvoltageiswithinallowablelimits.ATTL
logicHIGHlevel,anda2mSearlywarningsignalbefore12.0vDCout-
putlossofregulation.
PS_INHIBIT/PS_KILL
ThissignalisconnectedtoashortpinonthePSU
Whenleftopenpowersupplyoperationwillbeinhibited.Whenthe
powersupplyisinsertedintothesystem,thispinwillbepulllowby
thesystemandturnthepowersupplyononlyafterallotherpower
supplypinshaveseated.
Operatingtemperature
-10°Cto50°C;Derateoutputpowerto50%at70°C
Storagetemperature
-40°Cto+85°CAltitude,operating10,000ft
Electromagnetic
susceptibility/Inputtransients
-EN61000-3-2,-3-3
-EN61000-4-2,4.3,4-4,-4-5,4-11Level
-EN55024:1998
RoHS&lead-freecompliant
(notantalumcaps).
Humidity
20to90%RH,non-condensing
Shockandvibration
SpecificationscomplieswithAstecStd.Specifications,Q3205
MTBF(Demonstrated)
500KHrsatfullload,40°C
EnvironmentalSpecifications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com