Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142AMDR Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142AMDR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142AMDR Datasheet(HTML) 47 Page - Texas Instruments

Back Button TLE2142AMDR Datasheet HTML 43Page - Texas Instruments TLE2142AMDR Datasheet HTML 44Page - Texas Instruments TLE2142AMDR Datasheet HTML 45Page - Texas Instruments TLE2142AMDR Datasheet HTML 46Page - Texas Instruments TLE2142AMDR Datasheet HTML 47Page - Texas Instruments TLE2142AMDR Datasheet HTML 48Page - Texas Instruments TLE2142AMDR Datasheet HTML 49Page - Texas Instruments TLE2142AMDR Datasheet HTML 50Page - Texas Instruments TLE2142AMDR Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
47
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 5
−2
− 2.5
− 0.2
−1
−1.2
−1.4
−1.5
−1
0
0
0.5
1
INPUT BIAS CURRENT†
vs
COMMON-MODE INPUT VOLTAGE
VIC − Common-Mode Input Voltage − V
VCC ± = ±2.5 V
TA = 25°C
TA = 125°C
TA = − 55°C
− 0.4
− 0.6
− 0.8
−3
−0.5
Figure 6
−1000
INPUT BIAS CURRENT†
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
− 75 − 50 − 25
0
25
50
75
100
125 150
VO = 0
VIC = 0
VCC ± = ±15 V
− 900
− 800
− 700
− 600
− 500
VCC ± = ±2.5 V
Figure 7
0
−12
−18
− 24
0
3
6
9
12
15
12
18
24
18
21
24
6
− 6
VCC ± − Supply Voltage − V
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SUPPLY VOLTAGE
RL = 2 kΩ
TA = 25°C
VOM +
VOM −
Figure 8
−14.2
−14.6
−15
14.6
−13.8
13.8
14.2
15
MAXIMUM PEAK OUTPUT VOLTAGE
vs
FREE-AIR TEMPERATURE
− 75 − 50 − 25
0
25
50
75
100
125
TA − Free-Air Temperature − °C
150
VCC ± = ±15 V
VOM +
RL = 2 kΩ
RL = 2 kΩ
VOM −
RL = ∞
RL = ∞
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com