Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE2142AMDR Datasheet(PDF) 48 Page - Texas Instruments

Click here to check the latest version.
Part # TLE2142AMDR
Description  EXCALIBUR LOW-NOISE HIGH-SPEED PRECISION OPERATIONAL AMPLIFIERS
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLE2142AMDR Datasheet(HTML) 48 Page - Texas Instruments

Back Button TLE2142AMDR Datasheet HTML 44Page - Texas Instruments TLE2142AMDR Datasheet HTML 45Page - Texas Instruments TLE2142AMDR Datasheet HTML 46Page - Texas Instruments TLE2142AMDR Datasheet HTML 47Page - Texas Instruments TLE2142AMDR Datasheet HTML 48Page - Texas Instruments TLE2142AMDR Datasheet HTML 49Page - Texas Instruments TLE2142AMDR Datasheet HTML 50Page - Texas Instruments TLE2142AMDR Datasheet HTML 51Page - Texas Instruments TLE2142AMDR Datasheet HTML 52Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 70 page
background image
TLE214x, TLE214xA
EXCALIBUR LOW NOISE HIGHSPEED
PRECISION OPERATIONAL AMPLIFIERS
SLOS183C − FEBRUARY 1997 − REVISED JUNE 2006
48
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 9
−4
− 0.4
−1
13.8
13.6
MAXIMUM POSITIVE PEAK
OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
14
−10
−100
− 40
14.4
14.2
14.6
IO − Output Current − mA
VCC ± = ±15 V
TA = 125°C
TA = 25°C
− 0.1
TA = − 55°C
Figure 10
−14.8
− 15
0.1
1
0.4
MAXIMUM NEGATIVE PEAK
OUTPUT VOLTAGE†
vs
OUTPUT CURRENT
−14.6
10
4
100
40
−14.2
−14.4
−14
IO − Output Current − mA
−13.6
−13.8
−13.4
VCC ± = ±15 V
TA = 125°C
TA = − 55°C
TA = 25°C
Figure 11
0
−7.5
−10
−12.5
10
0
100
200
300
400
500
5
2.5
7.5
12.5
ts − Settling Time − ns
MAXIMUM PEAK OUTPUT VOLTAGE
vs
SETTLING TIME
AVD = −1
VCC ± = ±15 V
TA = 25°C
Rising
Falling
0.1%
0.01%
0.01%
0.1%
− 2.5
−5
Figure 12
MAXIMUM PEAK-TO-PEAK
OUTPUT VOLTAGE†
vs
FREQUENCY
5
0
25
100 k
400 k
1 M
f − Frequency − Hz
20
15
10
30
4 M
10 M
VCC ± = ±15 V
RL = 2 kΩ
TA = 125°C
TA = − 55°C
TA = 25°C
† Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com