Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2782IP Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2782IP
Description  FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2782IP Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLV2782IP Datasheet HTML 4Page - Texas Instruments TLV2782IP Datasheet HTML 5Page - Texas Instruments TLV2782IP Datasheet HTML 6Page - Texas Instruments TLV2782IP Datasheet HTML 7Page - Texas Instruments TLV2782IP Datasheet HTML 8Page - Texas Instruments TLV2782IP Datasheet HTML 9Page - Texas Instruments TLV2782IP Datasheet HTML 10Page - Texas Instruments TLV2782IP Datasheet HTML 11Page - Texas Instruments TLV2782IP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
8
WWW.TI.COM
TYPICAL CHARACTERISTICS
Table of Graphs
FIGURE
VIO
Input offset voltage
vs Common-mode input voltage
1, 2
CMRR
Common-mode rejection ratio
vs Frequency
3
VOH
High-level output voltage
vs High-level output current
4, 6
VOL
Low-level output voltage
vs Low-level output current
5, 7
VO(PP)
Maximum peak-to-peak output voltage
vs Frequency
8
Zo
Output impedance
vs Frequency
9
IDD
Supply current
vs Supply voltage
10
IDD
Supply current
vs Free-air temperature
11
PSRR
Power supply rejection ratio
vs Frequency
12
AVD
Differential voltage amplification & phase
vs Frequency
13
Gain-bandwidth product
vs Free-air temperature
14
SR
Slew rate
vs Supply voltage
15
SR
Slew rate
vs Free-air temperature
16, 17
φm
Phase margin
vs Load capacitance
18
Vn
Equivalent input noise voltage
vs Frequency
19
Voltage-follower large-signal pulse response
vs Time
20
Voltage-follower small-signal pulse response
vs Time
21
Inverting large-signal pulse response
vs Time
22
Inverting small-signal pulse response
vs Time
23
Crosstalk
vs Frequency
24
Shutdown forward & reverse isolation
vs Frequency
25
IDD(SHDN)
Shutdown supply current
vs Free-air temperature
26
IDD(SHDN)
Shutdown supply current
vs Supply voltage
27
IDD(SHDN)
Shutdown supply current/output voltage
vs Time
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com