Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2782IP Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2782IP
Description  FAMILY OF 1.8 V HIGH-SPEED RAIL-TO-RAIL INPUT/OUTPUT OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2782IP Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLV2782IP Datasheet HTML 7Page - Texas Instruments TLV2782IP Datasheet HTML 8Page - Texas Instruments TLV2782IP Datasheet HTML 9Page - Texas Instruments TLV2782IP Datasheet HTML 10Page - Texas Instruments TLV2782IP Datasheet HTML 11Page - Texas Instruments TLV2782IP Datasheet HTML 12Page - Texas Instruments TLV2782IP Datasheet HTML 13Page - Texas Instruments TLV2782IP Datasheet HTML 14Page - Texas Instruments TLV2782IP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
TLV2780, TLV2781, TLV2782, TLV2783, TLV2784, TLV2785, TLV278xA
FAMILY OF 1.8 V HIGHSPEED RAILTORAIL INPUT/OUTPUT
OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS245E − MARCH 2000 − REVISED JANUARY 2005
11
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 18
0
10
20
30
40
50
60
70
80
90
100
10
100
1 k
10 k
PHASE MARGIN
vs
LOAD CAPACITANCE
CL − Load Capacitance − pF
VDD = 2.7 V
RL = 2 kΩ
AV = 1
TA = 25°C
Rnull=50
Ω
Rnull=20
Ω
Rnull=0
Ω
Figure 19
0
20
40
60
80
100
120
140
10
100
1 k
10 k
100 k
EQUIVALENT INPUT NOISE VOLTAGE
vs
FREQUENCY
f − Frequency − Hz
VDD = 2.7 V
VDD = 1.8 V
TA = 25°C
Figure 20
0
0.5
1
1.5
2
2.5
0
0.2 0.4 0.6 0.8
1 1.2 1.4 1.6 1.8
0.5
1
1.5
2
2.5
t − Time −
µs
VOLTAGE-FOLLOWER LARGE-SIGNAL PULSE RESPONSE
vs
TIME
VDD = 2.7 V
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
VI
VO
Figure 21
t − Time −
µs
VOLTAGE-FOLLOWER SMALL-SIGNAL PULSE RESPONSE
vs
TIME
VDD = 2.7 V
RL = 2 kΩ
CL = 10 pF
AV = 1
TA = 25°C
1.25
1.30
1.35
1.40
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.25
1.30
1.35
1.40
1.45
VI
VO
Figure 22
t − Time −
µs
INVERTING LARGE-SIGNAL PULSE RESPONSE
vs
TIME
0
0.5
1
1.5
2
2.5
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3 3.3
−1
−0.5
0
0.5
1
VDD = 2.7 V
RL = 2 kΩ
CL = 10 pF
AV = −1
TA = 25°C
VI
VO
Figure 23
t − Time −
µs
INVERTING SMALL-SIGNAL PULSE RESPONSE
vs
TIME
1.25
1.30
1.35
1.40
0 0.3 0.6 0.9 1.2 1.5 1.8 2.1 2.4 2.7 3
−0.05
0
0.05
0.10
VDD = 2.7 V
RL = 2 kΩ
CL = 10 pF
AV = −1
TA = 25°C
VO
VI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com