Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2470IDBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470IDBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TLV2470IDBVT Datasheet HTML 9Page - Texas Instruments TLV2470IDBVT Datasheet HTML 10Page - Texas Instruments TLV2470IDBVT Datasheet HTML 11Page - Texas Instruments TLV2470IDBVT Datasheet HTML 12Page - Texas Instruments TLV2470IDBVT Datasheet HTML 13Page - Texas Instruments TLV2470IDBVT Datasheet HTML 14Page - Texas Instruments TLV2470IDBVT Datasheet HTML 15Page - Texas Instruments TLV2470IDBVT Datasheet HTML 16Page - Texas Instruments TLV2470IDBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 26
CROSSTALK
vs
FREQUENCY
f - Frequency - Hz
10
100
10 k
100 k
- 100
- 120
- 140
-60
-80
-40
- 160
1 k
-20
0
VDD = 3V & 5V
AV = 1
RL= 600Ω
VI(PP)=2V
All Channels
Figure 27
10
1k
10k
100
0.001
1
0.01
0.1
100k
TOTAL HARMONIC
DISTORTION PLUS NOISE
vs
FREQUENCY
f - Frequency - Hz
AV = 10
AV = 1
VDD = 3 V
RL = 10 kΩ
V0 = 2 VPP
TA = 25°C
AV = 100
Figure 28
10
1k
10k
100
0.001
1
0.01
0.1
100k
VDD = 5 V
RL = 10 kΩ
V0 = 4 VPP
TA = 25°C
TOTAL HARMONIC
DISTORTION PLUS NOISE
vs
FREQUENCY
f - Frequency - Hz
AV = 100
AV = 10
AV = 1
Figure 29
0
1
2
3
4
5
67
89
10
t - Time -
µs
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
vs
TIME
VDD = 3 V
RL = 10 kΩ
CL = 8 pF
f = 85 kHz
TA = 25°C
VI (2 V/DIV)
VO (1 V/DIV)
Figure 30
t - Time -
µs
LARGE SIGNAL FOLLOWER
PULSE RESPONSE
vs
TIME
0
1
2
3
45
6
7
89
10
VDD = 5 V
RL = 10 kΩ
CL = 8 pF
f = 85 kHz
TA = 25°C
VI (2 V/DIV)
VO (1 V/DIV)
Figure 31
t - Time -
µs
SMALL SIGNAL FOLLOWER
PULSE RESPONSE
vs
TIME
0
100
200
300
400
500
VDD = 3 V
RL = 10 kΩ
CL = 8 pF
f = 1 MHz
TA = 25°C
VI (50 mV/DIV)
VO (50 mV/DIV)
Figure 32
t - Time -
µs
SMALL SIGNAL FOLLOWER
PULSE RESPONSE
vs
TIME
0
100
200
300
400
500
VDD = 5 V
RL = 10 kΩ
CL = 8 pF
f = 1 MHz
TA = 25°C
VI (50 mV/DIV)
VO (50 mV/DIV)
Figure 33
VDD = 3 V
CL = 8 pF
TA = 25°C
02
4
6
8
10 12
14
t - Time -
µs
16
SHUTDOWN (ON AND OFF)
PULSE RESPONSE
vs
TIME
VSHDN (2 V/DIV)
VO (500 mV/DIV)
RL = 600 Ω
RL = 10 kΩ
Figure 34
SHUTDOWN (ON AND OFF)
PULSE RESPONSE
vs
TIME
02
4
6
8
10
12 14
16
t - Time -
µs
RL = 600 Ω
RL = 10 kΩ
18
VDD = 5 V
CL = 8 pF
TA = 25°C
VSHDN (2 V/DIV)
VO (1 V/DIV)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com