Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2470IDBVT Datasheet(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2470IDBVT
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2470IDBVT Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLV2470IDBVT Datasheet HTML 17Page - Texas Instruments TLV2470IDBVT Datasheet HTML 18Page - Texas Instruments TLV2470IDBVT Datasheet HTML 19Page - Texas Instruments TLV2470IDBVT Datasheet HTML 20Page - Texas Instruments TLV2470IDBVT Datasheet HTML 21Page - Texas Instruments TLV2470IDBVT Datasheet HTML 22Page - Texas Instruments TLV2470IDBVT Datasheet HTML 23Page - Texas Instruments TLV2470IDBVT Datasheet HTML 24Page - Texas Instruments TLV2470IDBVT Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
general PowerPAD design considerations (continued)
Figure 49
100
80
40
0
0
0.25
0.5
0.75
140
180
1
1.25
160
120
60
20
| VO | - RMS Output Voltage - V
Maximum Output
Current Limit Line
TLV2470, TLV2471†
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
1.5
Safe Operating Area
VDD = ± 3 V
TJ = 150°C
TA = 125°C
A
B
C
Packages With
θJA ≤ 110°C/W
at TA = 125°C
or
θJA ≤ 355°C/W
at TA = 70°C
Figure 50
100
80
40
0
0
0.5
1
1.5
140
180
2
2.5
160
120
60
20
| VO | - RMS Output Voltage - V
Maximum Output
Current Limit Line
TLV2470, TLV2471†
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating Area
VDD = ± 5 V
TJ = 150°C
TA = 125°C
Packages With
θJA ≤ 210°C/W
at TA = 70°C
A
B
C
G
Figure 51
100
80
40
0
0
0.25
0.5
0.75
140
180
1
1.25
160
120
60
20
| VO | - RMS Output Voltage - V
Maximum Output
Current Limit Line
TLV2472, TLV2473†
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
1.5
C
Safe Operating Area
VDD = ± 3 V
TJ = 150°C
TA = 125°C
Packages With
θJA ≤ 55°C/W
at TA = 125°C
or
θJA ≤ 178°C/W
at TA = 70°C
D
G
H
Figure 52
100
80
40
0
0
0.5
1
1.5
140
180
2
2.5
160
120
60
20
| VO | - RMS Output Voltage - V
Maximum Output
Current Limit Line
TLV2472, TLV2473†
MAXIMUM RMS OUTPUT CURRENT
vs
RMS OUTPUT VOLTAGE DUE TO THERMAL LIMITS
Safe Operating Area
VDD = ± 5 V
TJ = 150°C
TA = 125°C
Packages With
θJA ≤ 105°C/W
at TA = 70°C
H
D
C
G
F
† A - SOT23(5); B - SOT23 (6); C - SOIC (8); D - SOIC (14); E - SOIC (16); F - MSOP PP (8); G - PDIP (8); H - PDIP (14); I - PDIP (16);
J - TSSOP PP (14/16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com