Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C40 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C40
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C40 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TMS320C40 Datasheet HTML 8Page - Texas Instruments TMS320C40 Datasheet HTML 9Page - Texas Instruments TMS320C40 Datasheet HTML 10Page - Texas Instruments TMS320C40 Datasheet HTML 11Page - Texas Instruments TMS320C40 Datasheet HTML 12Page - Texas Instruments TMS320C40 Datasheet HTML 13Page - Texas Instruments TMS320C40 Datasheet HTML 14Page - Texas Instruments TMS320C40 Datasheet HTML 15Page - Texas Instruments TMS320C40 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 45 page
background image
TMS320C40
DIGITAL SIGNAL PROCESSOR
SPRS038 – JANUARY 1996
12
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description
The ’320C40 digital signal processors ( DSPs) are 32-bit, floating-point processors manufactured in 0.72-
µm,
double-level metal CMOS technology. The ’320C40 is a part of the fourth generation of DSPs from Texas
Instruments and is designed primarily for parallel processing.
operation
The ’320C40 has six on-chip communication ports for processor-to-processor communication with no external
hardware and simple communication software. This allows connectivity to other ’C4x processors with no
external-glue logic. The communication ports remove input / output bottlenecks, and the independent smart
DMA coprocessor is able to handle the CPU input / output burden.
central processing unit
The ’320C40 CPU is configured for high-speed internal parallelism for the highest sustained performance. The
key features of the CPU are:
D Eight operations/cycle:
–
40/32-bit floating-point / integer multiply
–
40/32-bit floating-point / integer ALU operation
–
Two data accesses
–
Two address register updates
D IEEE floating-point conversion
D Divide and square-root support
D ’C3x assembly language compatibility
D Byte and halfword accessibility
DMA coprocessor
The DMA coprocessor allows concurrent I/O and CPU processing for the highest sustained CPU performance.
The key features of the DMA processor are:
D Link pointers allow DMA channels to auto-initialize without CPU intervention.
D Parallel CPU operation and DMA transfers
D Six DMA channels support memory-to-memory data transfers.
D Split-mode operation doubles the available DMA channel to 12 when data transfers to and from a
communication port are required.
communication ports
The ’320C40 is the first DSP with on-chip communication ports for processor-to-processor communication with
no external hardware and simple communication software. The features of the communication ports are:
D Direct interprocessor communication and processor I/O
D Six communication ports for direct interprocessor communication and processor I/O
D 20M-bytes/s bidirectional interface on each communication port for high-speed multiprocessor interface
D Separate input and output 8-word-deep FIFO buffers for processor-to-processor communication and I/O
D Automatic arbitration and handshaking for direct processor-to-processor connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com