Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320C40 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TMS320C40
Description  DIGITAL SIGNAL PROCESSOR
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320C40 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TMS320C40 Datasheet HTML 9Page - Texas Instruments TMS320C40 Datasheet HTML 10Page - Texas Instruments TMS320C40 Datasheet HTML 11Page - Texas Instruments TMS320C40 Datasheet HTML 12Page - Texas Instruments TMS320C40 Datasheet HTML 13Page - Texas Instruments TMS320C40 Datasheet HTML 14Page - Texas Instruments TMS320C40 Datasheet HTML 15Page - Texas Instruments TMS320C40 Datasheet HTML 16Page - Texas Instruments TMS320C40 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TMS320C40
DIGITAL SIGNAL PROCESSOR
SPRS038 – JANUARY 1996
13
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
communication-port software reset (’C40 silicon revision
≥ 5.0)
The input and output FIFO levels for a communication port can be flushed by writing at least two back-to-back
values to its communication-port-software reset address as specified in Table 1. This feature is not present in
’C40 silicon revision <5.0. This software reset flushes any word or byte already present in the FIFOs but it does
not
affect
the
status
of
the
communication-port
pins.
Figure
2
shows
an
example
of
communication-port-software reset.
Table 1. Communication-Port Software-Reset Address
COMMUNICATION PORT
SOFTWARE RESET ADDRESS
0
0x0100043
1
0x0100053
2
0x0100063
3
0x0100073
4
0x0100083
5
0x0100093
; –––––––––––––––––––––––––––––––––––––––––––––-–––;
; RESET1:Flush’s FIFO data for communication port 1;
; –––––––––––––––––––––––––––––––––––––––––––––-–––;
RESET1 push
AR0
; Save registers
push
R0
;
push
RC
;
ldhi
010h,AR0
; Set AR0 to base address of COM 1
or
050h,AR0
;
flush: rpts
1
; Flush FIFO data with back-to-back write
sti
R0,*+AR0(3)
;
rpts
10
; Wait
nop
;
ldi
*+AR0(0),R0
; Check for new data from other port
and
01FE0h,R0
;
bnz
flush
;
pop
RC
; Restore registers
pop
R0
;
pop
AR0
;
rets
; Return
Figure 2. Example of Communication-Port-Software Reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com