Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320UC5409 Datasheet(PDF) 32 Page - Texas Instruments

Part # TMS320UC5409
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  74 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320UC5409 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TMS320UC5409 Datasheet HTML 28Page - Texas Instruments TMS320UC5409 Datasheet HTML 29Page - Texas Instruments TMS320UC5409 Datasheet HTML 30Page - Texas Instruments TMS320UC5409 Datasheet HTML 31Page - Texas Instruments TMS320UC5409 Datasheet HTML 32Page - Texas Instruments TMS320UC5409 Datasheet HTML 33Page - Texas Instruments TMS320UC5409 Datasheet HTML 34Page - Texas Instruments TMS320UC5409 Datasheet HTML 35Page - Texas Instruments TMS320UC5409 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 74 page
background image
TMS320UC5409
FIXED-POINT DIGITAL SIGNAL PROCESSOR
SPRS101A – APRIL 1999 – REVISED AUGUST 1999
32
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
McBSP control registers and subaddresses
The control registers for the multichannel buffered serial port (McBSP) are accessed using the subbank
addressing scheme. This allows a set or subbank of registers to be accessed through a single memory location.
The serial port subbank address (SPSA) register is used as a pointer to select a particular register within the
subbank. The serial port subbank data (SPSD) register is used to access (read or write) the selected register.
Table 14 shows the McBSP control registers and their corresponding subaddresses.
Table 14. McBSP Control Registers and Subaddresses
McBSP0
McBSP1
NAME
ADDRESS
NAME
ADDRESS
SUB
ADDRESS
DESCRIPTION
SPCR10
39h
SPCR11
49h
00h
Serial port control register 1
SPCR20
39h
SPCR21
49h
01h
Serial port control register 2
RCR10
39h
RCR11
49h
02h
Receive control register 1
RCR20
39h
RCR21
49h
03h
Receive control register 2
XCR10
39h
XCR11
49h
04h
Transmit control register 1
XCR20
39h
XCR21
49h
05h
Transmit control register 2
SRGR10
39h
SRGR11
49h
06h
Sample rate generator register 1
SRGR20
39h
SRGR21
49h
07h
Sample rate generator register 2
MCR10
39h
MCR11
49h
08h
Multichannel register 1
MCR20
39h
MCR21
49h
09h
Multichannel register 2
RCERA0
39h
RCERA1
49h
0Ah
Receive channel enable register partition A
RCERB0
39h
RCERB1
49h
0Bh
Receive channel enable register partition B
XCERA0
39h
XCERA1
49h
0Ch
Transmit channel enable register partition A
XCERB0
39h
XCERB1
49h
0Dh
Transmit channel enable register partition B
PCR0
39h
PCR1
49h
0Eh
Pin control register
DMA subbank addressed registers
The direct memory access (DMA) controller has several control registers associated with it. The main control
register (DMPREC) is a standard memory mapped register. However, the other registers are accessed using
the subbank addressing scheme. This allows a set, or subbank of registers to be accessed through a single
memory location. The DMA subbank address (DMSA) register is used as a pointer to select a particular register
within the subbank, while the DMA subbank data (DMSDN) register or the DMA subbank data register with
autoincrement (DMSDI) is used to access (read or write) the selected register.
When the DMSDI register is used to access the subbank, the subbank address is automatically
postincremented so that a subsequent access affects the next register within the subbank. This autoincrement
feature is intended for efficient, successive accesses to several control registers. If the autoincrement feature
is not required, the DMSDN register should be used to access the subbank. Table 15 shows the DMA controller
subbank addressed registers and their corresponding subaddresses.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com