Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 52 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TMS320VC549 Datasheet HTML 48Page - Texas Instruments TMS320VC549 Datasheet HTML 49Page - Texas Instruments TMS320VC549 Datasheet HTML 50Page - Texas Instruments TMS320VC549 Datasheet HTML 51Page - Texas Instruments TMS320VC549 Datasheet HTML 52Page - Texas Instruments TMS320VC549 Datasheet HTML 53Page - Texas Instruments TMS320VC549 Datasheet HTML 54Page - Texas Instruments TMS320VC549 Datasheet HTML 55Page - Texas Instruments TMS320VC549 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078F – SEPTEMBER 1998 – REVISED MAY 2000
52
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
host port interface timing
switching
characteristics
over
recommended
operating
conditions
[H
=
0.5tc(CO)]
(see Notes 5 and 6) (see Figure 29 through Figure 32) (continued)
PARAMETER
’549-80
’549-100
’549-120
UNIT
MIN
MAX
td(DSL-HDV)
Delay time, DS low to HD driven
5
12
ns
Case 1: Shared-access mode if
tw(DSH) < 7H
7H+20–tw(DSH)
t
Delay time, HDS falling to HD valid for first byte
Case 2: Shared-access mode if
tw(DSH) > 7H
20
ns
td(HEL-HDV1)
Delay time, HDS falling to HD valid for first byte
of a non-subsequent read:
→ max 20 ns†‡
Case 3: Host-only mode if
tw(DSH) < 20 ns
40–tw(DSH)
ns
Case 4: Host-only mode if
tw(DSH) > 20 ns
20
td(DSL-HDV2)
Delay time, DS low to HD valid, second byte
5‡
20
ns
td(DSH-HYH)
Delay time, DS high to HRDY high
10H+10
ns
tsu(HDV-HYH)
Setup time, HD valid before HRDY rising edge
3H–10
ns
th(DSH-HDV)R
Hold time, HD valid after DS rising edge, read
0
12
ns
td(COH-HYH)
Delay time, CLKOUT rising edge to HRDY high
10
ns
td(DSH-HYL)
Delay time, HDS or HCS high to HRDY low
12
ns
td(COH-HTX)
Delay time, CLKOUT rising edge to HINT change
15
ns
† Host-only mode timings apply for read accesses to HPIC or HPIA, write accesses to BOB, and resetting DSPINT or HINT to 0 in shared-access
mode. HRDY does not go low for these accesses.
‡ Shared-access mode timings will be met automatically if HRDY is used.
NOTES:
5. SAM = shared-access mode, HOM = host-only mode
HAD stands for HCNTRL0, HCNTRL1, and HR/W.
HDS refers to either HDS1 or HDS2.
DS refers to the logical OR of HCS and HDS.
6. On host read accesses to the HPI, the setup time of HD before DS rising edge depends on the host waveforms and cannot be
specified here.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com