Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3471 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS3471
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS3471 Datasheet HTML 3Page - Texas Instruments TMS3471 Datasheet HTML 4Page - Texas Instruments TMS3471 Datasheet HTML 5Page - Texas Instruments TMS3471 Datasheet HTML 6Page - Texas Instruments TMS3471 Datasheet HTML 7Page - Texas Instruments TMS3471 Datasheet HTML 8Page - Texas Instruments TMS3471 Datasheet HTML 9Page - Texas Instruments TMS3471 Datasheet HTML 10Page - Texas Instruments TMS3471 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range, VCC = 5 V
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
S1
CL = 20 pF
10
S2,3
CL = 40 pF
10
ABIN, GT, PD, PI, PS, T
CL =20 pF
30
GT1, GT2, GT3, SH1
CL = 20 pF
10
tr
Rise time
SH2,3
CL = 40 pF
10
ns
BCP1, BCP2
CL = 50 pF
100
SC, SC(90)
CL = 15 pF
30
CLK2M
CL =50 pF
50
All other outputs
CL = 50 pF
200
S1
CL = 20 pF
8
S2,3
CL = 40 pF
8
ABIN, GT, PD, PI, PS, T
CL =20 pF
30
GT1, GT2, GT3, SH1
CL = 20 pF
8
tf
Fall time
SH2,3
CL = 40 pF
8
ns
BCP1, BCP2
CL = 50 pF
100
SC, SC(90)
CL = 15 pF
30
CLK2M
CL =50 pF
50
All other outputs
CL = 50 pF
100
S1 rising edge to S2,3 rising edge
±5
S1 falling edge to SH1 falling edge
–3
–8
–13
S1 rising edge to GT1 falling edge
–3
–8
–13
t k( )
Skew time
SH2,3 rising edge to GT1 rising edge
±5
ns
tsk(o)
Skew time
S2,3 falling edge to SH2,3 falling edge
–3
–8
–13
ns
S2,3 falling edge to GT2 rising edge
–3
–8
–13
SH2,3 falling edge to GT2 rising edge
±5
SH2,3 rising edge to GT3 falling edge
±5
tw –tc /2
Pulse duration compared to
pulse duration at 50% duty
cycle†
S1 or S2, 3
±5
ns
† The S1 and S2,3 outputs ideally exhibit a 50% duty cycle. This parameter indicates how much the duty cycle may shift while a constant cycle
time is maintained. For example, for a 210-ns cycle time, tw(H) = 110 ns and tw(L) = 100 ns are possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com