Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS3471 Datasheet(PDF) 8 Page - Texas Instruments

Part # TMS3471
Description  2/3-INCH NTSC TIMER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS3471 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TMS3471 Datasheet HTML 4Page - Texas Instruments TMS3471 Datasheet HTML 5Page - Texas Instruments TMS3471 Datasheet HTML 6Page - Texas Instruments TMS3471 Datasheet HTML 7Page - Texas Instruments TMS3471 Datasheet HTML 8Page - Texas Instruments TMS3471 Datasheet HTML 9Page - Texas Instruments TMS3471 Datasheet HTML 10Page - Texas Instruments TMS3471 Datasheet HTML 11Page - Texas Instruments TMS3471 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
TMS3471C
2/3-INCH NTSC TIMER
SOCS028B – AUGUST 1991
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
1 Line = 63.55
µs
(525)
PS,T
ABIN
GT
PI
SH2,3
GT3
S1
SC,SC(90)
BCP2
BCP1
BF
CBLK
CSYNC
CP2
CP1
FI
VD
523
521
279
262
524
9
0
0
Continuous
VS 3H
EQ 3H
EQ 3H
VS 3H
EQ 3H
20
0
272
9
524
Even Field
Odd Field, 262.5 H
0
268.5
262.5
6
0
288
280
275
270
265
30
25
20
15
10
5
0
17
S2,3
0
GT2
9
0
GT1
9
0
SH1
6H
6H
20H
10H
20H
10H
244 Pulses‡
244 Pulses‡
244
Pulses‡
244
Pulses‡
Vertical
Scale†
10H
10H
4.77273 MHz
260
256
EQ 3H
262
† 525 intervals equal 33.3 ms equals 1 TV frame
‡ The frequency of these pulses is either 2.04545 MHz or 1.02273 MHz and is determined by the logic level on the VDS input.
Figure 2. Vertical Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com