Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLV2475CDR Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TLV2475CDR
Description  FAMILY OF 600-mA/Ch 2.8-MHz RAIL-TO-RAIL INPUT/OUTPUT HIGH-DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLV2475CDR Datasheet(HTML) 2 Page - Texas Instruments

  TLV2475CDR Datasheet HTML 1Page - Texas Instruments TLV2475CDR Datasheet HTML 2Page - Texas Instruments TLV2475CDR Datasheet HTML 3Page - Texas Instruments TLV2475CDR Datasheet HTML 4Page - Texas Instruments TLV2475CDR Datasheet HTML 5Page - Texas Instruments TLV2475CDR Datasheet HTML 6Page - Texas Instruments TLV2475CDR Datasheet HTML 7Page - Texas Instruments TLV2475CDR Datasheet HTML 8Page - Texas Instruments TLV2475CDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 41 page
background image
TLV2470, TLV2471, TLV2472, TLV2473, TLV2474, TLV2475, TLV247xA
FAMILY OF 600−
µA/Ch 2.8−MHz RAIL−TO−RAIL INPUT/OUTPUT
HIGH−DRIVE OPERATIONAL AMPLIFIERS WITH SHUTDOWN
SLOS232C - JUNE 1999 - REVISED AUGUST 2003
2
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TLV2470 and TLV2471 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
SOT-23
PLASTIC DIP
TA
SMALL OUTLINE
(D)†
(DBV)†
SYMBOL
PLASTIC DIP
(P)
0
°C to 70°C
TLV2470CD
TLV2471CD
TLV2470CDBV
TLV2471CDBV
VAUC
VAVC
TLV2470CP
TLV2471CP
°
°
TLV2470ID
TLV2471ID
TLV2470IDBV
TLV2471IDBV
VAUI
VAVI
TLV2470IP
TLV2471IP
-40
°C to 125°C
TLV2470AID
TLV2471AID
—
—
—
—
TLV2470AIP
TLV2471AIP
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number
(e.g., TLV2470CDR).
TLV2472 AND TLV2473 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL
MSOP
MSOP
PLASTIC
PLASTIC
TA
OUTLINE
(D)†
(DGN)†
SYMBOL‡
(DGQ)†
SYMBOL‡
DIP
(N)
DIP
(P)
0
°C to 70°C
TLV2472CD
TLV2473CD
TLV2472CDGN
—
xxTIABU
—
—
TLV2473CDGQ
—
xxTIABW
—
TLV2473CN
TLV2472CP
—
°
°
TLV2472ID
TLV2473ID
TLV2472IDGN
—
xxTIABV
—
—
TLV2473IDGQ
—
xxTIABX
—
TLV2473IN
TLV2472IP
—
-40
°C to 125°C
TLV2472AID
TLV2473AID
—
—
—
—
—
—
—
—
—
TLV2473AIN
TLV2472AIP
—
† This package is available taped and reeled. To order this packaging option, add an R suffix to the part number (e.g., TLV2472CDR).
‡ xx represents the device date code.
TLV2474 and TLV2475 AVAILABLE OPTIONS
PACKAGED DEVICES
TA
SMALL OUTLINE
(D)†
PLASTIC DIP
(N)
TSSOP
(PWP)†
0
°C to 70°C
TLV2474CD
TLV2475CD
TLV2474CN
TLV2475CN
TLV2474CPWP
TLV2475CPWP
°
°
TLV2474ID
TLV2475ID
TLV2474IN
TLV2475IN
TLV2474IPWP
TLV2475IPWP
-40
°C to 125°C
TLV2474AID
TLV2475AID
TLV2474AIN
TLV2475AIN
TLV2474AIPWP
TLV2475AIPWP
† This package is available taped and reeled. To order this packaging option, add an R
suffix to the part number (e.g., TLV2474CDR).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com