Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS418160ADZ Datasheet(PDF) 7 Page - Texas Instruments

Part # TMS418160ADZ
Description  1048576 BY 16-BIT DYNAMIC RANDOM-ACCESS MEMORY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS418160ADZ Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMS418160ADZ Datasheet HTML 3Page - Texas Instruments TMS418160ADZ Datasheet HTML 4Page - Texas Instruments TMS418160ADZ Datasheet HTML 5Page - Texas Instruments TMS418160ADZ Datasheet HTML 6Page - Texas Instruments TMS418160ADZ Datasheet HTML 7Page - Texas Instruments TMS418160ADZ Datasheet HTML 8Page - Texas Instruments TMS418160ADZ Datasheet HTML 9Page - Texas Instruments TMS418160ADZ Datasheet HTML 10Page - Texas Instruments TMS418160ADZ Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
TMS418160A
1048576 BY 16-BIT
DYNAMIC RANDOM-ACCESS MEMORY
SMKS891C – AUGUST 1996 – REVISED OCTOBER 1997
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
electrical characteristics over recommended ranges of supply voltage and ambient temperature
(unless otherwise noted)
PARAMETER
TEST CONDITIONS†
’418160A - 50
’418160A - 60
’418160A - 70
UNIT
PARAMETER
TEST CONDITIONS†
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
VOH
High-level output
voltage
IOH = – 5 mA
2.4
2.4
2.4
V
VOL
Low-level output voltage
IOL = 4.2 mA
0.4
0.4
0.4
V
II
Input current (leakage)
VDD = 5.5 V,
VI = 0 V to 6.5 V,
All others = 0 V to VDD
± 10
± 10
± 10
µA
IO
Output current (leakage)
VDD = 5.5 V,
VO = 0 V to VDD,
xCAS high
± 10
± 10
± 10
µA
ICC1‡§
Average read- or
write-cycle current
VDD = 5.5 V,
Minimum cycle
180
160
150
mA
ICC2
Average standby current
VIH = 2.4 V ( TTL),
After one memory cycle,
RAS and xCAS high
2
2
2
mA
ICC2
Average standby current
VIH = VDD – 0.2 V (CMOS),
After one memory cycle,
RAS and xCAS high
1
1
1
mA
ICC3§
Average refresh current
(RAS-only refresh or
xCBR)
VDD = 5.5 V,
Minimum cycle,
RAS cycling,
xCAS high
(RAS only),
RAS low after xCAS low (xCBR)
180
160
150
mA
ICC4‡¶ Average page current
VDD = 5.5 V,
tPC = MIN,
RAS low,
xCAS cycling
110
90
80
mA
† For conditions shown as MIN / MAX, use the appropriate value specified in the timing requirements.
‡ Measured with outputs open
§ Measured with a maximum of one address change while RAS = VIL
¶ Measured with a maximum of one address change during each page cycle, tPC
capacitance
over recommended ranges of supply voltage and ambient temperature,
f = 1 MHz (see Note 3)
PARAMETER
MIN
MAX
UNIT
Ci(A)
Input capacitance, A0 – A9
5
pF
Ci(OE)
Input capacitance, OE
7
pF
Ci(RC)
Input capacitance, xCAS and RAS
7
pF
Ci(W)
Input capacitance, W
7
pF
CO
Output capacitance#
7
pF
# LCAS and UCAS = VIH to disable outputs
NOTE 3: VDD = 5 V ± 10%, and the bias on pins under test is 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com