Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370 Datasheet(PDF) 4 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 4 Page - Texas Instruments

  TMS370 Datasheet HTML 1Page - Texas Instruments TMS370 Datasheet HTML 2Page - Texas Instruments TMS370 Datasheet HTML 3Page - Texas Instruments TMS370 Datasheet HTML 4Page - Texas Instruments TMS370 Datasheet HTML 5Page - Texas Instruments TMS370 Datasheet HTML 6Page - Texas Instruments TMS370 Datasheet HTML 7Page - Texas Instruments TMS370 Datasheet HTML 8Page - Texas Instruments TMS370 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
4
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
description (continued)
Table 1 provides a memory configuration overview of the TMS370CxCx devices.
Table 1. Memory Configurations
DEVICES
PROGRAM MEMORY
(BYTES)
DATA MEMORY
(BYTES)
PACKAGES
28-PIN LCC OR DIP
ROM
EPROM
RAM
EEPROM
28-PIN LCC OR DIP
TMS370C3C0A
4K
—
128
—
FN – PLCC
N – PDIP
TMS370C6C2A
—
8K
128
—
FN – PLCC
N – PDIP
SE370C6C2A†
—
8K
128
—
FZ – CLCC
JD – CDIP
† System evaluators and development are for use only in prototype environment, and their reliability has not been characterized.
The suffix letter (A) appended to the device name (shown in Table 1) indicates configuration of the device. ROM
or EPROM devices have different configurations as indicated in Table 2. ROM devices with the suffix letter A
are configured through a programmable contact during manufacture.
Table 2. Suffix Letter Configuration
DEVICE
WATCHDOG TIMER
CLOCK
LOW-POWER MODE
EPROM A
Standard
Divide-by-4 (standard oscillator)
Enabled
Standard
Di id b 4
ROM A
Hard
Divide-by-4 or
Divide-by-1 (PLL)
Enabled or disabled
Simple
Divide-by-1 (PLL)
The 4K bytes of mask-programmable ROM in the associated TMS370C3C0A device are replaced in the
TMS370C6C2A with 8K bytes of EPROM while all other available memory and on-chip peripherals are identical.
The one-time programmable (OTP) (TMS370C6C2A) and reprogrammable (SE370C6C2A) devices are
available.
TMS370C6C2A OTP devices are available in plastic packages. This microcontroller is effective to use for
immediate production updates for other members of the TMS370C3C0A or for low-volume production runs
when the mask charge or cycle time for the low-cost mask ROM devices is not practical.
The SE370C6C2A has a windowed ceramic package to allow reprogramming of the program EPROM memory
during the development-prototyping phase of design. The SE370C6C2A devices allow quick updates to
breadboards and prototype systems during initial design iterations.
The TMS370CxCx family provides two low-power modes (STANDBY and HALT) for applications where
low-power consumption is critical. Both modes stop all CPU activity, that is, no instructions are executed. In the
STANDBY mode, the internal oscillator and the general-purpose timer remain active. In the HALT mode, all
device activity is stopped. The device retains all RAM data and peripheral configuration bits throughout both
low-power modes.
The TMS370CxCx features advanced register-to-register architecture that allows direct arithmetic and logical
operations without requiring an accumulator (for example, ADD R24, R47; add the contents of register 24 to
the contents of register 47 and store the result in register 47). The TMS370CxCx family is fully instruction-set
compatible, providing easy transition between members of the TMS370 8-bit microcontroller family.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com