Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS370 Datasheet(PDF) 39 Page - Texas Instruments

Part # TMS370
Description  8-BIT MICROCONTROLLER
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS370 Datasheet(HTML) 39 Page - Texas Instruments

Back Button TMS370 Datasheet HTML 35Page - Texas Instruments TMS370 Datasheet HTML 36Page - Texas Instruments TMS370 Datasheet HTML 37Page - Texas Instruments TMS370 Datasheet HTML 38Page - Texas Instruments TMS370 Datasheet HTML 39Page - Texas Instruments TMS370 Datasheet HTML 40Page - Texas Instruments TMS370 Datasheet HTML 41Page - Texas Instruments TMS370 Datasheet HTML 42Page - Texas Instruments TMS370 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 63 page
background image
TMS370CxCx
8-BIT MICROCONTROLLER
SPNS040B – NOVEMBER 1995 – REVISED FEBRUARY 1997
39
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251–1443
analog-to-digital converter 2 module (continued)
Table 31. A / D Control Register (ADSTAT)
Bit #
7
65
43
21
0
P071
—
—
—
—
—
AD
READY
AD INT
FLAG
AD INT
ENA
R–0
RC – 0
RW – 0
R = read, W = write, C = clear only, –
n = value of the bit after the register is reset
Bit 0
AD INT ENA (A / D interrupt enable)
This bit controls the ADC2 module’s ability to generate an interrupt.
0 = Disable A/D interrupt
1 = Enable A/D interrupt
Bit 1
AD INT FLAG (A/D interrupt flag)
The ADC2 module sets this bit at the end of an ADC2 conversion. If this bit is set while the A/D
INT ENA bit is set, an interrupt request is generated. Clearing this flag clears pending A/D interrupt
requests. This bit is cleared by the system reset or by entering HALT or STANDBY mode. Software
cannot set this bit.
Bit 2
AD READY (A/D converter ready)
The ADC2 module sets this bit whenever a conversion is not in progress and the ADC2 is ready
for a new conversion to start. Writing to this bit has no effect on its state.
0 = Conversion is in process
1 = Converter is ready
Bits 3–7
Reserved (read data is indeterminate)
Table 32. A / D Conversion Data Register (DATA)
Bit #
7
65
43
21
0
P072
DATA 7
DATA 6
DATA 5
DATA 4
DATA 3
DATA 2
DATA 1
DATA 0
R–0
R–0
R–0
R–0
R–0
R–0
R–0
R–0
R = read, –
n = value of the bit after the register is reset
The analog-to-digital conversion data is loaded into this register at the end of a conversion and remains until
replaced by another conversion.
Table 33. AN0–AN3 Port E0 – E3 Data Input Register (ADIN)
Bit #
7
6
5
4
3
2
1
0
P07D
—
—
—
—
DATA IN
AN3
DATA IN
AN2
DATA IN
AN1
DATA IN
AN0
R–0
R–0
R–0
R–0
R = read, –
n = value of the bit after the register is reset



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com